Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24064ASAS0A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1EX24064ASAS0A
Description  Two-wire serial interface 64k EEPROM (8-kword 8-bit)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24064ASAS0A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1EX24064ASAS0A Datasheet HTML 3Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 4Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 5Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 6Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 7Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 8Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 9Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 10Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
R1EX24064AxxS0A
Pin Function
Serial Clock (SCL)
The SCL pin is used to control serial input/output data timing. The SCL input is used to positive edge
clock data into EEPROM device and negative edge clock data out of each device. Maximum clock rate is
400 kHz.
Serial Input/Output Data (SDA)
The SDA pin is bidirectional for serial data transfer. The SDA pin needs to be pulled up by resistor as that
pin is open-drain driven structure. Use proper resistor value for your system by considering V
OL, IOL and
the SDA pin capacitance. Except for a start condition and a stop condition which will be discussed later,
the SDA transition needs to be completed during the SCL low period.
Data Validity (SDA data change timing waveform)
SCL
SDA
Data
change
Data
change
Note:
High-to-low and low-to-high change of SDA should be done during the SCL low period.
REJ03C0332-0200 Rev.2.00 Oct. 26, 2009
Page 7 of 22


Similar Part No. - R1EX24064ASAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A Datasheet
182Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - R1EX24064ASAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_11 Datasheet
154Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 瑗?8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A Datasheet
182Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com