Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24064ASAS0A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R1EX24064ASAS0A
Description  Two-wire serial interface 64k EEPROM (8-kword 8-bit)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24064ASAS0A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R1EX24064ASAS0A Datasheet HTML 6Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 7Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 8Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 9Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 10Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 11Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 12Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 13Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
R1EX24064AxxS0A
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a
zero to acknowledge that it has received each word. This happens during ninth clock cycle. The
transmitter keeps bus open to receive acknowledgment from the receiver at the ninth clock. In the write
operation, EEPROM sends a zero to acknowledge after receiving every 8-bit words. In the read operation,
EEPROM sends a zero to acknowledge after receiving the device address word. After sending read data,
the EEPROM waits acknowledgment by keeping bus open. If the EEPROM receives zero as an
acknowledge, it sends read data of next address. If the EEPROM receives acknowledgment "1" (no
acknowledgment) and a following stop condition, it stops the read operation and enters a stand-by mode.
If the EEPROM receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus open
without sending read data.
Acknowledge Timing Waveform
SCL
SDA IN
SDA OUT
12
8
9
Acknowledge
out
REJ03C0332-0200 Rev.2.00 Oct. 26, 2009
Page 10 of 22


Similar Part No. - R1EX24064ASAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A Datasheet
182Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - R1EX24064ASAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_11 Datasheet
154Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 瑗?8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A Datasheet
182Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com