Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206RGBCT-CA Datasheet(PDF) 3 Page - HB Electronic Components

Part # 1206RGBCT-CA
Description  LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

1206RGBCT-CA Datasheet(HTML) 3 Page - HB Electronic Components

  1206RGBCT-CA Datasheet HTML 1Page - HB Electronic Components 1206RGBCT-CA Datasheet HTML 2Page - HB Electronic Components 1206RGBCT-CA Datasheet HTML 3Page - HB Electronic Components 1206RGBCT-CA Datasheet HTML 4Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: A1329
REV NO: V1
DATE: MAY/05/2006
PAGE: 3 OF 4
APPROVED:
CHECKED:
DRAWN:
RED
1206RGBCT-CA
GREEN
BLUE
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level :90%
LTPD :10%
No.
Items
Test Condition
Test Hours/Cycles
Sample Size
Ac/Rc
1
Reflow
Temp:240
±5
Min.5 sec.
6 Min.
22Pcs.
0/1
2
Temperature Cycle
H:+100
15 min.
5 min
L:-40
15 min.
300 Cycles
22Pcs.
0/1
3
Thermal Shock
H:+100
5 min.
10 sec.
L:-10
5 min.
300 Cycles
22Pcs.
0/1
4
High Temperature Storage
Temp.:100
1000Hrs.
22Pcs.
0/1
5
Low Temperature Storage
Temp.:-55
1000Hrs.
22Pcs.
0/1
6
DC Operating Life
IF=20mA
1000Hrs.
22Pcs.
0/1
7
High Temperature/High Humidity
85
/R.H85%
1000Hrs.
22Pcs.
0/1


Similar Part No. - 1206RGBCT-CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1206R10M FRONTIER-1206R10M Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206R10M FRONTIER-1206R10M Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1206R10M-LFR FRONTIER-1206R10M-LFR Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206R12M FRONTIER-1206R12M Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206R12M FRONTIER-1206R12M Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
More results

Similar Description - 1206RGBCT-CA

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com