Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62364FPDF1J Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62364FPDF1J
Description  8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62364FPDF1J Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62364FPDF1J Datasheet HTML 1Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 2Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 3Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 4Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 5Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 6Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 7Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 8Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M62364FP/GP
REJ03D0875-0400 Rev.4.00 Oct 02, 2009
Page 2 of 8
Pin Arrangement
24 VIN8
VOUT8
VOUT7
VIN7
GND
RESET
VDAref
Do
VIN6
VIN1
VOUT1
VOUT2
VIN2
VDD
LD
CLK
DI
23
22
21
20
19
18
17
16
9
VOUT6
VIN3
15
10
VOUT5
VOUT4
VOUT3
14
11
VIN5
VIN4
13
12
8
7
6
5
4
3
2
1
M62364FP/GP
(Top view)
Outline: PRSP0024GA-A (24P2Q-A)
PLSP0024JA-A (24P2E-A)
Pin Description
Pin No.
Pin Name
Function
8
DI
Serial data input
17
DO
Serial data output
7
CLK
Shift clock input. Input data of DI are taken into the 12-bit shift register on a rising edge of
the clock.
6
LD
A low state enables data loading to the 12-bit shift register.
During a rising edge of LD, the data will be loaded to the output register.
19
RESET
Reset 8-bit latches
2
VOUT1
3
VOUT2
10
VOUT3
11
VOUT4
14
VOUT5
15
VOUT6
22
VOUT7
23
VOUT8
D/A converter output with 8-bit resolution
5
VDD
Power supply
20
GND
Ground
1
VIN1
4
VIN2
9
VIN3
12
VIN4
13
VIN5
16
VIN6
21
VIN7
24
VIN8
D/A converter input
18
VDAref
D/A converter reference voltage input


Similar Part No. - M62364FPDF1J

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62364FP MITSUBISHI-M62364FP Datasheet
41Kb / 6P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62364FP RENESAS-M62364FP Datasheet
109Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
More results

Similar Description - M62364FPDF1J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20178NP RENESAS-R2A20178NP Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
R2A20178NP RENESAS-R2A20178NP_15 Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62381FP RENESAS-M62381FP Datasheet
1Mb / 6P
   8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
M62364FP RENESAS-M62364FP Datasheet
109Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62381FP MITSUBISHI-M62381FP Datasheet
48Kb / 5P
   8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com