Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF4M32M8V-70 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF4M32M8V-70
Description  Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF4M32M8V-70 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF4M32M8V-70 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-70 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-70 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-70 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-70 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-70 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-70 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-70 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF4M32M8V-70 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HANBit
HMF4M32M8V
URL:www.hbe.co.kr
3
HANBit Electronics Co., Ltd
REV.02(August,2002).
TRUTH TABLE
MODE
/OE
/CE
/WE
/RESET
DQ ( /BYTE=L )
POWER
STANDBY
X
H
X
Vcc
±0.3V
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
H
HIGH-Z
ACTIVE
READ
L
L
H
H
DOUT
ACTIVE
WRITE or ERASE
X
L
L
H
DIN
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-0.5V to Vcc+0.5V
Voltage with respect to ground Vcc
VCC
-0.5V to +4.0V
Power dissipation
PD
8W
Storage Temperature
TSTG
-65oC to +150oC
Operating Temperature
TA
-55oC to +125oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is not imp lied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
± 10% device Supply Voltages
Vcc
2.7V
3.6V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS ( 0oC
≤ TA ≤ 70 oC )
PARAMETER
TEST CONDITIONS
SYMBO
L
MIN
MAX
UNIT
Input Load Current
Vcc=Vcc max, VIN= VSS to Vcc
IL1
±1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= VSS to Vcc
IL0
±1.0
µA
Output High Voltage
IOH = -2.0mA, Vcc = Vcc min
VOH
0.85x
Vcc
V
Output Low Voltage
IOL = 4.0mA, Vcc =Vcc min
VOL
0.45
V
5MHZ
72(Tpy)
128
Vcc Active Read Current (1)
/CE = VIL,
/OE = VIH,
1MHZ
ICC1
16(Tpy)
32
mA
Vcc Active Write Current (2)
/CE = VIL, /OE=VIH
ICC2
160(Tpy)
240
mA
Vcc Standby Current
/CE, /RESET=Vcc
±0.3V
ICC3
1.6(Tpy)
40.0
µA
Low Vcc Lock-Out Voltage
VLKO
2.3
2.5
V
Notes:
1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH.


Similar Part No. - HMF4M32M8V-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-120 HANBIT-HMF4M32M8VGL-120 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-70 HANBIT-HMF4M32M8VGL-70 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-80 HANBIT-HMF4M32M8VGL-80 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8VGL-90 HANBIT-HMF4M32M8VGL-90 Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
More results

Similar Description - HMF4M32M8V-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32B8V HANBIT-HMF4M32B8V Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF8M32M8V HANBIT-HMF8M32M8V Datasheet
428Kb / 11P
   Flash-ROM Module 32MByte (8Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VS HANBIT-HMF4M32B8VS Datasheet
432Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com