Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20111SPW0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20111SPW0
Description  Power Factor Correction Controller IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20111SPW0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20111SPW0 Datasheet HTML 1Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 2Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 3Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 4Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 5Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 6Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 7Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R2A20111SP
REJ03F0231-0200 Rev.2.00 Sep 29, 2009
Page 2 of 7
System Diagram
From OUT
150
μH
To
Q1 gate
Rec+
Rec–
B+
Q1
1.28M
0.0165
(5W)
680k
2.2k
470p
B+ OUT
GND
(385V dc)
470
μF
×2
(450V)
To FB
From
VRB1(B+ monitor1)
VRB1
6800p
1
μ
0.1
μ
720k
24V
680k
4.7
μ
T1
0.47
μ
10k
22k
from
auxiliary
VREF
VREF
VREF
14k
82k
0.22
μ
62k
390p
1000p
Gate Driver
+/– 1.0A (PEAK)
5V Internal Bias
Circuit Ground
VCC
IAC
CAI
CAO
GND
EO
CGND
CLIMIT
OUT
27.5V
5V VREF
Generator
FB
0.1
μ
VREF
UVL
RT
B+OVP
25
μA
SS
CT
VAMP
PFC-ON
DELAY
VREF
GOOD
In
Out
CLIMIT
CAMP
2.5V
1.3
V
0.52V
VREF
0.82V
0.79V
2.688V
2.638V
VREF
SS
UVLO
H
L
10.5V
9.0V
3.6V
0.65V
VREF
2.4k
0.033
μ
820k
2.4k
100
100p
6
1
3
15
2
16
9
10
7
12
5
4
8
14
13
11
Logic
Multiplier
AC-Det


Similar Part No. - R2A20111SPW0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20111SPW0 RENESAS-R2A20111SPW0 Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
More results

Similar Description - R2A20111SPW0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
HA16174P RENESAS-HA16174P Datasheet
352Kb / 37P
   Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP_15 Datasheet
144Kb / 10P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ-E ROHM-BD7690FJ-E Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com