Electronic Components Datasheet Search |
|
R8A66156SP Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
R8A66156SP Datasheet(HTML) 3 Page - Renesas Technology Corp |
3 / 8 page R8A66156SP REJ03F0283-0100 Rev.1.00 Sep.14.2009 . Page 3 of 7 DESCRIPTION OF OPERATION (1) When power ON, the status of DO and D1~D24 terminals are not determined. These terminals are turn to high-impedance when "L" is input to the /S terminal. (2) By the negative edge of /CS, the status of D1~D24 terminals is loaded on shift register 1. (3) Synchronous to the negative edge of CLK, 24-bit loaded data is serial output from the DO terminal. (4) Synchronous to the positive edge of CLK, 24-bit serial input data from DI is write into the shift register 2. (5) The 25th and following shift clock pulse are ignored and the serial data input operation is stopped. And the DO terminal becomes high-impedance ("High-Z"). (6) By the positive edge of /CS, input data described in (4) is output to D1~D24 terminals. (7) Shift register 1 loads the AND tie data of external parallel input data and latched data on parallel output latch. (8) If the /CS is changed from "L" to "H" before reaches the 24th bit of CLK, parallel output latch latches data which has been written on shift register 2 and output it to D1~D24 terminals. Serial data after this since is ignored and the DO terminal becomes high-impedance. (9) Input/output mode set to D1~D24 terminals is done by the serial input data to the DI terminal. Terminals which "H" is written are set to input, and "L" is written are set to output. OPERATION TIMING CHART S CS 1234 56789 10 23 24 25 CLK DI DO D1 DI1 DO1 D2 DI2 DO2 D24 DI24 DO24 1 Sequence DO1 DO2 DO3 DO4 DO5 DO6 DO7 DO8 DO9 DO23 DO24 DI1 DI2 DI3 DI4 DI5 DI6 DI7 DI8 DI9 DI23 DI24 High-Z High-Z (1) (2) (4) (3) (5) (6) High-Z High-Z High-Z |
Similar Part No. - R8A66156SP |
|
Similar Description - R8A66156SP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |