Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT60142HT-DD17M-E Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT60142HT-DD17M-E
Description  Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142HT-DD17M-E Datasheet(HTML) 1 Page - ATMEL Corporation

  AT60142HT-DD17M-E Datasheet HTML 1Page - ATMEL Corporation AT60142HT-DD17M-E Datasheet HTML 2Page - ATMEL Corporation AT60142HT-DD17M-E Datasheet HTML 3Page - ATMEL Corporation AT60142HT-DD17M-E Datasheet HTML 4Page - ATMEL Corporation AT60142HT-DD17M-E Datasheet HTML 5Page - ATMEL Corporation AT60142HT-DD17M-E Datasheet HTML 6Page - ATMEL Corporation AT60142HT-DD17M-E Datasheet HTML 7Page - ATMEL Corporation AT60142HT-DD17M-E Datasheet HTML 8Page - ATMEL Corporation AT60142HT-DD17M-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
7841A–AERO–10/09
Features
Operating Voltage: 3.3V, 5V tolerant
Access Time:
– 17 ns
– 15 ns
Very Low Power Consumption
– Active: 610 mW (Max) @ 17 ns(1), 540 mW (Max) @ 25 ns
– Standby: 3.3 mW (Typ)
Wide Temperature Range: -55 to +125°C
TTL-Compatible Inputs and Outputs
Asynchronous
Designed on 0.25 µm Radiation Hardened Process
No Single Event Latch Up below LET Threshold of 80 MeV/mg/cm2@125°C
Tested up to a Total Dose of 300 krads (Si) according to MIL-STD-883 Method 1019
500 Mils Wide FP36 Package
ESD better than 2000V
Quality Grades:
– QML-Q or V
–ESCC
Note:
1. 650 mW (Max) @ 15 ns
Description
The AT60142HT is a very low power CMOS static RAM organized as 512K x 8 bits.
Atmel brings the solution to applications where fast computing is as mandatory as low
consumption, such as aerospace electronics, portable instruments, or embarked
systems.
Utilizing an array of six transistors (6T) memory cells, the AT60142HT combines an
extremely low standby supply current (Typical value = 1 mA) with a fast access time at
15 ns over the full military temperature range. The high stability of the 6T cell provides
excellent protection against soft errors due to noise.
The AT60142HT is processed according to the methods of the latest revision of the
MIL PRF 38535 or ESCC 9000.
It is produced on a radiation hardened 0.25 µm CMOS process.
Rad Hard
512K x 8
5V Tolerant
Very Low Power
CMOS SRAM
AT60142HT


Similar Part No. - AT60142HT-DD17M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H-DD15M-E ATMEL-AT60142H-DD15M-E Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H-DD15MSV ATMEL-AT60142H-DD15MSV Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H-DS15-SCC ATMEL-AT60142H-DS15-SCC Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H-DS15M-E ATMEL-AT60142H-DS15M-E Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - AT60142HT-DD17M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com