Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT68166H-YM20SR Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT68166H-YM20SR
Description  Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166H-YM20SR Datasheet(HTML) 3 Page - ATMEL Corporation

  AT68166H-YM20SR Datasheet HTML 1Page - ATMEL Corporation AT68166H-YM20SR Datasheet HTML 2Page - ATMEL Corporation AT68166H-YM20SR Datasheet HTML 3Page - ATMEL Corporation AT68166H-YM20SR Datasheet HTML 4Page - ATMEL Corporation AT68166H-YM20SR Datasheet HTML 5Page - ATMEL Corporation AT68166H-YM20SR Datasheet HTML 6Page - ATMEL Corporation AT68166H-YM20SR Datasheet HTML 7Page - ATMEL Corporation AT68166H-YM20SR Datasheet HTML 8Page - ATMEL Corporation AT68166H-YM20SR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
7842A–AERO–10/09
AT68166H
Pin Configuration
AT68166H is packaged in a MQFPT68. The pin assignment depends on the access time.
There are 2 versions as described in the table below :
Access Time
18 ns
20 ns
Package Version
YS
YM
Table 1. Pin assignment for YS & YM versions
Lead
Signal
Lead
Signal
Lead
Signal
Lead
Signal
1
I/O0[0]
18
VCC
35
I/O3[7]
52
VCC
2
I/O0[1]
19
A11
36
I/O3[6]
53
A10
3
I/O0[2]
20
A12
37
I/O3[5]
54
A9
4
I/O0[3]
21
A13
38
I/O3[4]
55
A8
5
I/O0[4]
22
A14
39
I/O3[3]
56
A7
6
I/O0[5]
23
A15
40
I/O3[2]
57
A6
7
I/O0[6]
24
A16
41
I/O3[1]
58
WE0
8
I/O0[7]
25
CS0
42
I/O3[0]
59
CS3
9GND
26
OE
43
GND
60
GND
10
I/O1[0]
27
CS1
44
I/O2[7]
61
CS2
11
I/O1[1]
28
A17
45
I/O2[6]
62
A5
12
I/O1[2]
29
WE1
46
I/O2[5]
63
A4
13
I/O1[3]
30
WE2
47
I/O2[4]
64
A3
14
I/O1[4]
31
WE3
48
I/O2[3]
65
A2
15
I/O1[5]
32
A18
49
I/O2[2]
66
A1
16
I/O1[6]
33
YS
GND
50
I/O2[1]
67
A0
YM
NC
17
I/O1[7]
34
YS
VCC
51
I/O2[0]
68
YS
VCC
YM
NC
YM
NC


Similar Part No. - AT68166H-YM20SR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT-YM25-E ATMEL-AT68166HT-YM25-E Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT-YM25-SCC ATMEL-AT68166HT-YM25-SCC Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT-YM25MQ ATMEL-AT68166HT-YM25MQ Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT-YM25SR ATMEL-AT68166HT-YM25SR Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
More results

Similar Description - AT68166H-YM20SR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
Aeroflex Circuit Techno...
UT8CR512K32 AEROFLEX-UT8CR512K32 Datasheet
318Kb / 16P
   UT8CR512K32 16 Megabit SRAM
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
W82M32V-XBX WEDC-W82M32V-XBX Datasheet
212Kb / 7P
   2Mx32 SRAM 3.3V MULTI-CHIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com