Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT68166HT-YM25MQ Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT68166HT-YM25MQ
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT-YM25MQ Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT68166HT-YM25MQ Datasheet HTML 2Page - ATMEL Corporation AT68166HT-YM25MQ Datasheet HTML 3Page - ATMEL Corporation AT68166HT-YM25MQ Datasheet HTML 4Page - ATMEL Corporation AT68166HT-YM25MQ Datasheet HTML 5Page - ATMEL Corporation AT68166HT-YM25MQ Datasheet HTML 6Page - ATMEL Corporation AT68166HT-YM25MQ Datasheet HTML 7Page - ATMEL Corporation AT68166HT-YM25MQ Datasheet HTML 8Page - ATMEL Corporation AT68166HT-YM25MQ Datasheet HTML 9Page - ATMEL Corporation AT68166HT-YM25MQ Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
7843A–AERO–10/09
AT68166HT
Electrical Characteristics
Absolute Maximum Ratings*
Military Operating Range
Recommended DC Operating Conditions
Note:
1. 5.8V in transient conditions.
Capacitance
Note:
1. Guaranteed but not tested.
Supply Voltage to GND Potential: ...................... -0.5V to 4.6V
Voltage range on any input: ......................... GND -0.5V to 7V
Voltage range on any ouput: ........................ GND -0.5V to 7V
Storage Temperature: .................................... -65
⋅C to +150⋅C
Output Current from Outputs Pins: .............................. 20 mA
Electrostatic Discharge Voltage: ............................... > 2000V
(MIL STD 883D Method 3015)
*NOTE:
Stresses beyond those listed under "Abso-
lute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions
beyond those indicated in the operational
sections of this specification is not implied.
Exposure between recommended DC
operating and absolute maximum rating
conditions for extended periods may
affect device reliability.
Operating Voltage
Operating Temperature
3.3
+ 0.3V
-55
⋅C to + 125⋅C
Parameter
Description
Min
Typ
Max
Unit
Vcc
Supply voltage
3.0
3.3
3.6
V
GND
Ground
0.0
0.0
0.0
V
VIL
Input low voltage
GND - 0.3
0.0
0.8
V
VIH
Input high voltage
2.2
5.5V(1)
V
Parameter
Description
Min
Typ
Max
Unit
Cin(1) (OE and Ax)
Input capacitance
48
pF
Cin
(1) (CSx and WEx)
Input capacitance
12
pF
Cio
(1)
I/O capacitance
12
pF


Similar Part No. - AT68166HT-YM25MQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20-E ATMEL-AT68166H-YM20-E Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20-SCC ATMEL-AT68166H-YM20-SCC Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20MQ ATMEL-AT68166H-YM20MQ Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20SR ATMEL-AT68166H-YM20SR Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
More results

Similar Description - AT68166HT-YM25MQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com