Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT68166H-YS18SV Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT68166H-YS18SV
Description  Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166H-YS18SV Datasheet(HTML) 5 Page - ATMEL Corporation

  AT68166H-YS18SV Datasheet HTML 1Page - ATMEL Corporation AT68166H-YS18SV Datasheet HTML 2Page - ATMEL Corporation AT68166H-YS18SV Datasheet HTML 3Page - ATMEL Corporation AT68166H-YS18SV Datasheet HTML 4Page - ATMEL Corporation AT68166H-YS18SV Datasheet HTML 5Page - ATMEL Corporation AT68166H-YS18SV Datasheet HTML 6Page - ATMEL Corporation AT68166H-YS18SV Datasheet HTML 7Page - ATMEL Corporation AT68166H-YS18SV Datasheet HTML 8Page - ATMEL Corporation AT68166H-YS18SV Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
7842A–AERO–10/09
AT68166H
Pin Description
Table 2. Pin Names
Note:
1. The package lid is connected to GND
Table 3. Truth Table(1)
Name
Description
A0 - A18
Address Inputs
I/O0 - I/O31
Data Input/Output
CS0 - CS3
Chip Select
WE0 - WE3
Write Enable
OE
Output Enable
VCC
Power Supply
GND(1)
Ground
CSxWEx
OE
Inputs/Outputs
Mode
H
X
X
Z
Standby
L
H
L
Data Out
Read
L
L
X
Data In
Write
L
H
H
Z
Output Disable
Note:
1. L=low, H=high, X= H or L, L=high impedance.


Similar Part No. - AT68166H-YS18SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT-YM25-E ATMEL-AT68166HT-YM25-E Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT-YM25-SCC ATMEL-AT68166HT-YM25-SCC Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT-YM25MQ ATMEL-AT68166HT-YM25MQ Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT-YM25SR ATMEL-AT68166HT-YM25SR Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
More results

Similar Description - AT68166H-YS18SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
Aeroflex Circuit Techno...
UT8CR512K32 AEROFLEX-UT8CR512K32 Datasheet
318Kb / 16P
   UT8CR512K32 16 Megabit SRAM
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
W82M32V-XBX WEDC-W82M32V-XBX Datasheet
212Kb / 7P
   2Mx32 SRAM 3.3V MULTI-CHIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com