Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF6M32M6VA Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMF6M32M6VA
Description  FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF6M32M6VA Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HMF6M32M6VA Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF6M32M6VA Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF6M32M6VA Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF6M32M6VA Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF6M32M6VA Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF6M32M6VA Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF6M32M6VA Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF6M32M6VA Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMF6M32M6VA Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HANBit
HMF6M32M6VA
URL:www.hbe.co.kr
6
HANBit Electronics Co., Ltd.
REV.02(August,2002)
CHARACTERISTICS
u Erase / Program Operations
PARAMETER SYMBOLS
JEDEC
Standard
DESCRIPTION
-90
-120
UNIT
tAVAV
tWC
Write Cycle Time (Note1)
Min
90
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
50
ns
tDVWH
tDS
Data Setup Time
Min
45
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOEPH
Output Enable High durning toggle bit polling
Min
20
ns
tGHWL
tGHWL
Read Recovery Time Before Write(/OE High to /WE
Low)
Min
0
ns
tELWL
tCS
/CE Setup Time
Min
0
ns
tWHEH
tCH
/CE Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation (Note2)
Word
Typ
11
us
tWHWH2
tWHWH2
Sector Erase Operation (Note2)
Typ
1.6
sec
tVCS
Vcc Setup Time (Note1)
Min
50
us
tRB
Recovery Time from RY//BY
Min
0
ns
tBUSY
Program/ Erase Valid to RY//BY Delay
Min
90
ns
Note:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more Information
u Alternate /CE Controlled Erase/ Program Operations
PARAMETER SYMBOLS
JEDEC
Standard
DESCRIPTION
-90
-120
UNIT
tAVAV
tWC
Write Cycle Time (Note1)
Min
90
120
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
45
50
ns
tDVEH
tDS
Data Setup Time
Min
45
50
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
20
ns
tGHEL
tGHEL
Read Recovery Time Before Write(/OE High to /WE
Low)
Min
0
ns
tWLEL
tWS
/WE Setup Time
Min
0
ns


Similar Part No. - HMF6M32M6VA

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF6M32M6V HANBIT-HMF6M32M6V Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF6M32M6V-120 HANBIT-HMF6M32M6V-120 Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF6M32M6V-90 HANBIT-HMF6M32M6V-90 Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
More results

Similar Description - HMF6M32M6VA

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF6M32M6V HANBIT-HMF6M32M6V Datasheet
510Kb / 11P
   FLASH-ROM MODULE 24MByte (6M x 32-Bit) ,72pin-SIMM, 3.0V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8G HANBIT-HMF1M32M8G Datasheet
419Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M8P HANBIT-HMF1M32M8P Datasheet
424Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com