Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMF8M8F4VS-120 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMF8M8F4VS-120
Description  FLASH-ROM MODULE 8MByte (8M x 8-Bit) , SMM 80Pin
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF8M8F4VS-120 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMF8M8F4VS-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF8M8F4VS-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HANBit
HMF8M8F4VS
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
5
TEST CONDITIONS
TEST CONDITION
VALUE
UNIT
Output load
1TTL gate
Input rise and full times
5
ns
Input pulse levels
0.0 - 3.0
V
Input timing measurement reference levels
1.5
V
Output timing measurement reference levels
1.5
V
u Erase/Program Operations
PARAMETER SYMBOLS
CL=100pF
-90
-100
-120
JEDEC
STANDARD
DESCRIPTION
Min
Max
Min
Max
Min
Max
UNIT
tAVAV
tWC
Write Cycle Time
90
100
120
ns
tAVWL
tAS
Address Setup Time
0
0
0
ns
tWLAX
tAH
Address Hold Time
45
45
50
ns
tDVWH
tDS
Data Setup Time
45
45
50
ns
tWHDX
tDH
Data Hold Time
0
0
0
ns
tOES
Output Enable Setup Time
0
0
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
0
0
0
ns
tELWL
tCS
/CE Setup Time
0
0
0
ns
tWHEH
tCH
/CE Hold Time
0
0
0
ns
tWLWH
tWP
Write Pulse Width
45
45
50
ns
tWHWL
tWPH
Write Pulse Width High
30
30
30
ns
3.3V
Device
Under
Test
2.7k
Diodes = IN3064
or Equivalent
6.2k
IN3064
or Equivalent
CL
Note : CL = 100pF including jig capacitance


Similar Part No. - HMF8M8F4VS-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF8M8F4V HANBIT-HMF8M8F4V Datasheet
557Kb / 12P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) - SMM Packages
HMF8M8F4VT HANBIT-HMF8M8F4VT Datasheet
557Kb / 12P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) - SMM Packages
More results

Similar Description - HMF8M8F4VS-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF8M8F4V HANBIT-HMF8M8F4V Datasheet
557Kb / 12P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) - SMM Packages
HMF8M16F8VS HANBIT-HMF8M16F8VS Datasheet
417Kb / 12P
   FLASH-ROM MODULE 16MByte (8M x 16-Bit) , SMM 80Pin
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF8M8M4G HANBIT-HMF8M8M4G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit)
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF16M8F8VS HANBIT-HMF16M8F8VS Datasheet
158Kb / 11P
   FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HF08-CS2501 HANBIT-HF08-CS2501 Datasheet
446Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 80pin-SIMM, 5V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com