Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 3 Page - ATMEL Corporation

  ATmega1284P Datasheet HTML 1Page - ATMEL Corporation ATmega1284P Datasheet HTML 2Page - ATMEL Corporation ATmega1284P Datasheet HTML 3Page - ATMEL Corporation ATmega1284P Datasheet HTML 4Page - ATMEL Corporation ATmega1284P Datasheet HTML 5Page - ATMEL Corporation ATmega1284P Datasheet HTML 6Page - ATMEL Corporation ATmega1284P Datasheet HTML 7Page - ATMEL Corporation ATmega1284P Datasheet HTML 8Page - ATMEL Corporation ATmega1284P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 380 page
background image
3
8059D–AVR–11/09
ATmega1284P
2.
Overview
The ATmega1284P is a low-power CMOS 8-bit microcontroller based on the AVR enhanced
RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega1284P
achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize
power consumption versus processing speed.
2.1
Block Diagram
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The ATmega1284P provides the following features: 128K bytes of In-System Programmable
Flash with Read-While-Write capabilities, 4K bytes EEPROM, 16K bytes SRAM, 32 general pur-
CPU
GND
VCC
RESET
Power
Supervision
POR / BOD &
RESET
Watchdog
Oscillator
Watchdog
Timer
Oscillator
Circuits /
Clock
Generation
XTAL1
XTAL2
PORT A (8)
PORT D (8)
PD7..0
PORT C (8)
PC5..0
TWI
SPI
EEPROM
JTAG/OCD
16bit T/C 1
8bit T/C 2
8bit T/C 0
SRAM
FLASH
USART 0
Internal
Bandgap reference
Analog
Comparator
A/D
Converter
PA7..0
PORT B (8)
PB7..0
USART 1
TOSC1/PC6
TOSC2/PC7
16bit T/C 1
16bit T/C 3


Similar Part No. - ATmega1284P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
ATmega1284P ATMEL-ATmega1284P Datasheet
635Kb / 30P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
ATmega1284P ATMEL-ATmega1284P Datasheet
14Mb / 468P
   8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
8152G-AVR-11/09
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
More results

Similar Description - ATmega1284P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA103 ATMEL-ATMEGA103_07 Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_06 Datasheet
317Kb / 31P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA128A ATMEL-ATMEGA128A_10 Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com