Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA128A1-AU Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATXMEGA128A1-AU
Description  8/16-bit XMEGA A1 Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A1-AU Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATXMEGA128A1-AU Datasheet HTML 66Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 67Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 68Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 69Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 70Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 71Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 72Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 73Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
70
8067I–AVR–04/09
XMEGA A1
33.10 POR Characteristics
33.11 Reset Characteristics
33.12 Oscillator Characteristics
Table 33-10. Power-on Reset Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power-on slope range
TBD
V/ms
Minimum pulse width
TBD
µs
VPOT-
POR threshold voltage falling Vcc
1
V
V
POT+
POR threshold voltage rising Vcc
1.4
Table 33-11. Reset Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Minimum reset pulse width
90
ns
Reset threshold voltage
V
CC = 2.7 - 3.6V
0.45*V
CC
V
VCC = 1.6 - 2.7V
0.42*VCC
Table 33-12. Internal 2 MHz Oscillator Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Accuracy
T = 85
°C, V
CC = 3V,
After production calibration
-1
1
%
DFLL Calibration step size
T = 25
°C, V
CC = 3V
0.175
Table 33-13. Internal 32 MHz Oscillator Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Accuracy
T = 85
°C, V
CC = 3V,
After production calibration
-1
1
%
DFLL Calibration step size
T = 25
°C, V
CC = 3V
0.2


Similar Part No. - ATXMEGA128A1-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results

Similar Description - ATXMEGA128A1-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com