Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATxmega192A3-MH Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATxmega192A3-MH
Description  8/16-bit XMEGA A3 Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega192A3-MH Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATxmega192A3-MH Datasheet HTML 3Page - ATMEL Corporation ATxmega192A3-MH Datasheet HTML 4Page - ATMEL Corporation ATxmega192A3-MH Datasheet HTML 5Page - ATMEL Corporation ATxmega192A3-MH Datasheet HTML 6Page - ATMEL Corporation ATxmega192A3-MH Datasheet HTML 7Page - ATMEL Corporation ATxmega192A3-MH Datasheet HTML 8Page - ATMEL Corporation ATxmega192A3-MH Datasheet HTML 9Page - ATMEL Corporation ATxmega192A3-MH Datasheet HTML 10Page - ATMEL Corporation ATxmega192A3-MH Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
7
8068O–AVR–11/09
XMEGA A3
6.
AVR CPU
6.1
Features
8/16-bit high performance AVR RISC Architecture
– 138 instructions
– Hardware multiplier
32x8-bit registers directly connected to the ALU
Stack in RAM
Stack Pointer accessible in I/O memory space
Direct addressing of up to 16M bytes of program and data memory
True 16/24-bit access to 16/24-bit I/O registers
Support for 8-, 16- and 32-bit Arithmetic
Configuration Change Protection of system critical features
6.2
Overview
The XMEGA A3 uses an 8/16-bit AVR CPU. The main function of the AVR CPU is to ensure cor-
rect program execution. The CPU must therefore be able to access memories, perform
calculations and control peripherals. Interrupt handling is described in a separate section. Figure
6-1 on page 7 shows the CPU block diagram.
Figure 6-1.
CPU block diagram
The AVR uses a Harvard architecture - with separate memories and buses for program and
data. Instructions in the program memory are executed with a single level pipeline. While one
instruction is being executed, the next instruction is pre-fetched from the program memory.
Flash
Program
Memory
Instruction
Decode
Program
Counter
OCD
32 x 8 General
Purpose
Registers
ALU
Multiplier/
DES
Instruction
Register
STATUS/
CONTROL
Peripheral
Module 1
Peripheral
Module 2
EEPROM
PMIC
SRAM
DATA BUS
DATA BUS


Similar Part No. - ATxmega192A3-MH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA192A3-MH ATMEL-ATXMEGA192A3-MH Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
More results

Similar Description - ATxmega192A3-MH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com