Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATxmega32A4 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATxmega32A4
Description  8/16-bit XMEGA A4 Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega32A4 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATxmega32A4 Datasheet HTML 1Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 2Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 3Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 4Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 5Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 6Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 7Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 8Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
2
8069L–AVR–11/09
XMEGA A4
1.
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For packaging information see ”Packaging information” on page 58.
Ordering Code
Flash
E2
SRAM
Speed (MHz)
Power Supply
Package(1)(2)(3)
Temp
ATxmega128A4-AU
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
44A
-40
°C - 85°C
ATxmega64A4-AU
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
ATxmega32A4-AU
32 KB + 4 KB
1 KB
4 KB
32
1.6 - 3.6V
ATxmega16A4-AU
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
ATxmega128A4-MH
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
44M1
ATxmega64A4-MH
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
ATxmega32A4-MH
32 KB + 4 KB
1 KB
4 KB
32
1.6 - 3.6V
ATxmega16A4-MH
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
ATxmega32A4-CU
32 KB + 4K
1 KB
4 KB
32
1.6 - 3.6V
49C2
ATxmega16A4-CU
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
Package Type
44A
44-Lead, 10 x 10 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
44M1
44-Pad, 7x7x1 mm Body, Lead Pitch 0.50 mm, 5.20 mm Exposed Pad, Thermally Enhanced Plastic Very Thin Quad No Lead Package (VQFN)
49C2
49-Ball (7 x 7 Array), 0.65 mm Pitch, 5.0 x 5.0 x 1.0 mm, Very Thin, Fine-Pitch Ball Grid Array Package (VFBGA)


Similar Part No. - ATxmega32A4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA32A4 ATMEL-ATXMEGA32A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA32A4 ATMEL-ATXMEGA32A4 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATxmega32A4 ATMEL-ATxmega32A4 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA32A4 ATMEL-ATXMEGA32A4 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA32A4-AU ATMEL-ATXMEGA32A4-AU Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATxmega32A4

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com