Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2058R-EL-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT2058R-EL-E
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2058R-EL-E Datasheet(HTML) 6 Page - Renesas Technology Corp

  HAT2058R-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HAT2058R
Preliminary
REJ03G1174-0300 Rev.3.00 Aug 25, 2009
Page 6 of 7
Avalanche Test Circuit
Avalanche Waveform
0
ID
VDS
IAP
V(BR)DSS
VDD
EAR =
• L • IAP
2
2
1
VDSS
VDSS – VDD
D.U.T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
15 V
L
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Vin Monitor
D.U.T.
Vin
10 V
50
Ω
RL
Vout
Monitor
VDD
= 30 V


Similar Part No. - HAT2058R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2058R-EL-E RENESAS-HAT2058R-EL-E Datasheet
101Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2058R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com