Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2058R-EL-E Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAT2058R-EL-E
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2058R-EL-E Datasheet(HTML) 7 Page - Renesas Technology Corp

  HAT2058R-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT2058R-EL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HAT2058R
Preliminary
REJ03G1174-0300 Rev.3.00 Aug 25, 2009
Page 7 of 7
Package Dimensions
P-SOP8-3.95
× 4.9-1.27
0.085g
MASS[Typ.]
FP-8DAV
PRSP0008DD-D
RENESAS Code
JEITA Package Code
Previous Code
8
5
1
4
bp
Detail F
Terminal cross section
1.27
1.08
0.40
L1
0.60
0.25
x
0.46
0.40
0.34
0.10
bp
b1
c1
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.3
4.90
D
3.95
E
0.14
A2
6.20
6.10
5.80
0.25
1.75
A
0.75
Z
L
c
1.27
e
0.1
y
HE
A1
D
*1
*3
x M
bp
e
Z
(Ni/Pd/Au plating)
2.
1. DIMENSIONS "*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Index mark
L1
L
Detail F
y
Package Name
SOP-8
Ordering Information
Part Name
Quantity
Shipping Container
HAT2058R-EL-E
2500 pcs
Taping


Similar Part No. - HAT2058R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2058R-EL-E RENESAS-HAT2058R-EL-E Datasheet
101Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2058R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com