Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF231-ZF Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT86RF231-ZF
Description  Low Power 2.4 GHz Transceiver for ZigBee
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231-ZF Datasheet(HTML) 2 Page - ATMEL Corporation

  AT86RF231-ZF Datasheet HTML 1Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 2Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 3Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 4Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 5Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 6Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 7Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 8Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 198 page
background image
2
8111C–MCU Wireless–09/09
AT86RF231
1.
Pin-out Diagram
Figure 1-1.
AT86RF231 Pin-out Diagram
Note:
The exposed paddle is electrically connected to the die inside the package. It shall be soldered to
the board to ensure electrical and thermal contact and good mechanical stability.
32
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AT86 RF231
CL K M
D VSS
DIG 3
DIG 4
AVSS
AVSS
RFP
RFN
D VSS
/R S T
SC L K
MIS O
D VSS
MO S I
/SEL
IR Q
31 30 29 28 27 26 25
9 10111213141516
AVSS
exposed paddle


Similar Part No. - AT86RF231-ZF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
More results

Similar Description - AT86RF231-ZF

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
   2.4 GHz ZigBee Transceiver Module
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
Laird Tech Smart Techno...
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com