Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT3008RJ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT3008RJ
Description  Silicon N / P Channel Power MOS FET High Speed Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3008RJ Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT3008RJ Datasheet HTML 1Page - Renesas Technology Corp HAT3008RJ Datasheet HTML 2Page - Renesas Technology Corp HAT3008RJ Datasheet HTML 3Page - Renesas Technology Corp HAT3008RJ Datasheet HTML 4Page - Renesas Technology Corp HAT3008RJ Datasheet HTML 5Page - Renesas Technology Corp HAT3008RJ Datasheet HTML 6Page - Renesas Technology Corp HAT3008RJ Datasheet HTML 7Page - Renesas Technology Corp HAT3008RJ Datasheet HTML 8Page - Renesas Technology Corp HAT3008RJ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REJ03G1198-0500 Rev.5.00 Aug 25, 2009
Page 1 of 11
Preliminary
HAT3008R, HAT3008RJ
Silicon N / P Channel Power MOS FET
High Speed Power Switching
REJ03G1198-0500
Rev.5.00
Aug 25, 2009
Features
• For Automotive Application (at Type Code “J”)
• Low on-resistance
• Capable of 4 V gate drive
• High density mounting
Outline
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8 <FP-8DAV> )
1, 3
Source
2, 4
Gate
5, 6, 7, 8
Drain
G
D
S
D
G
D
S
D
Nch
Pch
1
2
78
4
56
3
1 2
3 4
5
6
7
8
Absolute Maximum Ratings
(Ta = 25
°C)
Value
Item
Symbol
Nch
Pch
Unit
Drain to source voltage
VDSS
60
–60
V
Gate to source voltage
VGSS
±20
±20
V
Drain current
ID
5
–3.5
A
Drain peak current
ID (pulse)
Note 1
40
–28
A
Body-drain diode reverse drain current
IDR
5
–3.5
A
HAT3008R
Avalanche current
HAT3008RJ
IAP
Note 4
5
–3.5
A
HAT3008R
Avalanche energy
HAT3008RJ
EAR
Note 4
2.14
1.05
mJ
Channel dissipation
Pch
Note 2
2
2
W
Channel dissipation
Pch
Note 3
3
3
W
Channel temperature
Tch
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. 1 Drive operation: When using the glass epoxy board (FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
3. 2 Drive operation: When using the glass epoxy board (FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
4. Value at Tch = 25
°C, Rg ≥ 50 Ω


Similar Part No. - HAT3008RJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT3008RJ HITACHI-HAT3008RJ Datasheet
81Kb / 15P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT3008RJ RENESAS-HAT3008RJ Datasheet
134Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3008RJ-EL-E RENESAS-HAT3008RJ-EL-E Datasheet
134Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT3008RJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3015R RENESAS-HAT3015R_15 Datasheet
82Kb / 6P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
RJM0306JSP RENESAS-RJM0306JSP_10 Datasheet
127Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT3008RJ HITACHI-HAT3008RJ Datasheet
81Kb / 15P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT3010R RENESAS-HAT3010R Datasheet
149Kb / 16P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3015T RENESAS-HAT3015T Datasheet
88Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_15 Datasheet
136Kb / 12P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3008R RENESAS-HAT3008R_15 Datasheet
278Kb / 14P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
HAT3015R RENESAS-HAT3015R Datasheet
64Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3005R RENESAS-HAT3005R Datasheet
58Kb / 4P
   Silicon N/P Channel Power MOS FET High Speed Power Switching
HAT3010R RENESAS-HAT3010R_05 Datasheet
116Kb / 10P
   Silicon N / P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com