Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF212 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT86RF212
Description  Low Power 700/800/900 MHz
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF212 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT86RF212 Datasheet HTML 1Page - ATMEL Corporation AT86RF212 Datasheet HTML 2Page - ATMEL Corporation AT86RF212 Datasheet HTML 3Page - ATMEL Corporation AT86RF212 Datasheet HTML 4Page - ATMEL Corporation AT86RF212 Datasheet HTML 5Page - ATMEL Corporation AT86RF212 Datasheet HTML 6Page - ATMEL Corporation AT86RF212 Datasheet HTML 7Page - ATMEL Corporation AT86RF212 Datasheet HTML 8Page - ATMEL Corporation AT86RF212 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 171 page
background image
5
8168B-MCU Wireless-02/09
AT86RF212
Pins
Name
Type
Description
10
DIG2
Digital output
1. Antenna Diversity RF switch control (DIG1 inverted), see section 9.3
2. Signal IRQ_2 (RX_START) for RX Frame Time Stamping, see section 9.5
If disabled, internally pulled to DVSS
11
SLP_TR
Digital input
Controls sleep, transmit start, receive states; active high, see section 4.6
12
DVSS
Ground
Digital ground
13
DVDD
Analog
Regulated 1.8 V internal supply voltage; digital domain, see section 7.5
14
DVDD
Analog
Regulated 1.8 V internal supply voltage; digital domain, see section 7.5
15
DEVDD
Supply
External supply voltage; digital domain
16
DVSS
Ground
Digital ground
17
CLKM
Digital output
Master clock signal output; low if disabled, see section 7.7
18
DVSS
Ground
Digital ground
19
SCLK
Digital input
SPI clock
20
MISO
Digital output
SPI data output (master input slave output)
21
DVSS
Ground
Digital ground
22
MOSI
Digital input
SPI data input (master output slave input)
23
/SEL
Digital input
SPI select, active low
24
IRQ
Digital output
1. Interrupt request signal; active high or active low, see section 4.7
2. Buffer-level mode indicator; active high
25
XTAL2
Analog
Crystal pin, see sections 2.2.1.3 and 7.7
26
XTAL1
Analog
Crystal pin or external clock supply, see section 2.2.1.3 and 7.7
27
AVSS
Ground
Analog ground
28
EVDD
Supply
External supply voltage; analog domain
29
AVDD
Analog
Regulated 1.8 V internal supply voltage; analog domain, see section 7.5
30
AVSS
Ground
Analog ground
31
AVSS
Ground
Analog ground
32
AVSS
Ground
Analog ground
Paddle
AVSS
Ground
Analog ground; exposed paddle of QFN package
2.2.1 Analog and RF Pins
2.2.1.1 Supply and Ground Pins
EVDD, DEVDD
EVDD and DEVDD are analog and digital supply voltage pins of the AT86RF212 radio
transceiver.
AVDD, DVDD
AVDD and DVDD are outputs of the internal voltage regulators and require bypass
capacitors for stable operation. The voltage regulators are controlled independently by
the radio transceivers state machine and are activated depending on the current radio
transceiver state. The voltage regulators can be configured for external supply. For
details refer to section 7.5.
AVSS, DVSS
AVSS and DVSS are analog and digital ground pins respectively.


Similar Part No. - AT86RF212

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212 Datasheet
1Mb / 173P
   Low Power 800/900 MHz Transceiver for IEEE 802.15.4- 2006, ZigbeeTM, and ISM Applications
AT86RF212 ATMEL-AT86RF212 Datasheet
3Mb / 172P
   single-chip RF transceiver provides a complete radio interface
AT86RF212-ZU ATMEL-AT86RF212-ZU Datasheet
1Mb / 173P
   Low Power 800/900 MHz Transceiver for IEEE 802.15.4- 2006, ZigbeeTM, and ISM Applications
AT86RF212B ATMEL-AT86RF212B Datasheet
2Mb / 212P
   Fully integrated 769 ??935MHz transceiver including
AT86RF212B ATMEL-AT86RF212B_14 Datasheet
2Mb / 212P
   Fully integrated 769 ??935MHz transceiver including
More results

Similar Description - AT86RF212

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LM800 PULSE-LM800 Datasheet
691Kb / 5P
   700/800/900/1850 mhz coils/whips
logo
ATMEL Corporation
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
   ZigBit??700/800/900 MHz Wireless Modules
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
   800 - 900 MHz LOW NOISE AMPLIFIER
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
logo
Switchcraft, Inc.
SC700 SWITCH-SC700 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Infineon Technologies A...
BGA751L7 INFINEON-BGA751L7 Datasheet
689Kb / 22P
   Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
   800-900 MHz 36 dBm Power GaAs FET
logo
Skyworks Solutions Inc.
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
   700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com