Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C256C-SSHL-B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C256C-SSHL-B
Description  Two-wire Serial EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256C-SSHL-B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C256C-SSHL-B Datasheet HTML 1Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 2Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 3Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 4Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 5Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 6Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 7Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 8Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AT24C256C [Preliminary]
5
8568A–SEEPR–9/09
Table 4.
AC Characteristics (Industrial Temperature)
Applicable over recommended operating range from:
T
AI = − 40°C to +85°C, VCC = +1.7V to +5.5V, CL = 100 pF (unless otherwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.7-volt
2.5, 5.0-volt
Units
Min
Max
Min
Max
f
SCL
Clock Frequency, SCL
400
1000
kHz
t
LOW
Clock Pulse Width Low
1.3
0.4
μs
t
HIGH
Clock Pulse Width High
0.6
0.4
μs
t
I
Noise Suppression Time
(1)
100
50
ns
t
AA
Clock Low to Data Out Valid
0.05
0.9
0.05
0.55
μs
t
BUF
Time the bus must be free before a new transmission can start
(1)
1.3
0.5
μs
t
HD.STA
Start Hold Time
0.6
0.25
μs
t
SU.STA
Start Set-up Time
0.6
0.25
μs
t
HD.DAT
Data In Hold Time
0
0
μs
t
SU.DAT
Data In Set-up Time
100
100
ns
t
R
Inputs Rise Time
(1)
0.3
0.3
μs
t
F
Inputs Fall Time
(1)
300
100
ns
t
SU.STO
Stop Set-up Time
0.6
0.25
μs
t
DH
Data Out Hold Time
50
50
ns
t
WR
Write Cycle Time
5
5
ms
Endurance
(1)
25°C, Page Mode, 3.3V
1,000,000
Write
Cycles
Note:
1. This parameter is ensured by characterization and is not 100% tested.
2.
AC measurement conditions:
R
L (connects to VCC): 1.3 k
Ω (2.5V, 5.5V), 10 kΩ (1.7V)
Input pulse voltages: 0.3 V
CC to 0.7 VCC
Input rise and fall times:
≤ 50 ns
Input and output timing reference voltages: 0.5 V
CC


Similar Part No. - AT24C256C-SSHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C-SSHL-B ATMEL-AT24C256C-SSHL-B Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results

Similar Description - AT24C256C-SSHL-B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com