Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6870-PLPW Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6870-PLPW
Description  Li-Ion, NiMH Battery Measuring, Charge Balancing and Power-supply Circuit
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6870-PLPW Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6870-PLPW Datasheet HTML 4Page - ATMEL Corporation ATA6870-PLPW Datasheet HTML 5Page - ATMEL Corporation ATA6870-PLPW Datasheet HTML 6Page - ATMEL Corporation ATA6870-PLPW Datasheet HTML 7Page - ATMEL Corporation ATA6870-PLPW Datasheet HTML 8Page - ATMEL Corporation ATA6870-PLPW Datasheet HTML 9Page - ATMEL Corporation ATA6870-PLPW Datasheet HTML 10Page - ATMEL Corporation ATA6870-PLPW Datasheet HTML 11Page - ATMEL Corporation ATA6870-PLPW Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8
9116B–AUTO–10/09
ATA6870 [Preliminary]
HBM ESD
ANSI/ESD-STM5.1
JESD22-A114
AEC-Q100 (002)
ESD
±2
kV
CDM ESD STM 5.3.1
500
V
1, 12, 13, 24, 25,
36, 37, 48
750
V
Latch-up acc. to AECQ100-004, JESD78A
LATCH-UP
±100
mA
5.
Absolute Maximum Ratings (Continued)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Unless otherwise specified all voltages to pin VSSA.
Parameters
Pin
Symbol
Min.
Max.
Unit
6.
Thermal Resistance
Parameters
Symbol
Value
Unit
Package. QFN48 7
× 7
Max. thermal resistance
junction-ambient(1)
Rthjamax
20
K/W
Max. thermal resistance junction-case
R
thjCmax
TBD
K/W
Note:
1. Package mounted on 4 large PCB (per JESD51-7) under natural convention as defined in JESD51-2.


Similar Part No. - ATA6870-PLPW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6870-DK11 ATMEL-ATA6870-DK11 Datasheet
1Mb / 17P
   User Guide for Atmel ATA6870 and Atmel ATmega32HVB Evaluation Kit Hardware DK11
More results

Similar Description - ATA6870-PLPW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6870N ATMEL-ATA6870N_14 Datasheet
1Mb / 50P
   Li-Ion, NiMH Battery Measuring, Charge Balancing and Power-supply Circuit
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
TLE9012AQU INFINEON-TLE9012AQU Datasheet
404Kb / 6P
   Li-Ion Battery Monitoring and Balancing IC
2020-05-20
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
logo
ATMEL Corporation
ATA6870 ATMEL-ATA6870_10 Datasheet
4Mb / 24P
   Li-Ion/NiMH Battery Stack Measurement and Monitoring Kit Atmel ATA6870
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
   Li-ion Battery Charge Control IC
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
   Li-ion Battery Charge Controller IC
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
   LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
logo
Texas Instruments
LM3420 TI1-LM3420 Datasheet
1Mb / 26P
[Old version datasheet]   8.4-V Li-Ion Battery Charge Controller
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
   1 Li-ion/Li-polymer battery charge balance IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com