Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C256C-MAHL-T Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT24C256C-MAHL-T
Description  Two-wire Serial EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256C-MAHL-T Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT24C256C-MAHL-T Datasheet HTML 7Page - ATMEL Corporation AT24C256C-MAHL-T Datasheet HTML 8Page - ATMEL Corporation AT24C256C-MAHL-T Datasheet HTML 9Page - ATMEL Corporation AT24C256C-MAHL-T Datasheet HTML 10Page - ATMEL Corporation AT24C256C-MAHL-T Datasheet HTML 11Page - ATMEL Corporation AT24C256C-MAHL-T Datasheet HTML 12Page - ATMEL Corporation AT24C256C-MAHL-T Datasheet HTML 13Page - ATMEL Corporation AT24C256C-MAHL-T Datasheet HTML 14Page - ATMEL Corporation AT24C256C-MAHL-T Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AT24C256C [Preliminary]
11
8568A–SEEPR–9/09
6.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the
device address word is set to “1”. There are three read operations: current address read, random address read, and
sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the
last read or write operation, incremented by one. This address stays valid between operations as long as the chip
power is maintained. The address “roll over” during read is from the last byte of the last memory page, to the first byte
of the first page.
Once the device address with the read/write select bit set to “1” is clocked in and acknowledged by the EEPROM, the
current address data word is serially clocked out. The microcontroller does not respond with an input “0” but does
generate a following stop condition (refer to Figure 11).
Figure 11.
Current Address Read
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller
must generate another start condition. The microcontroller now initiates a current address read by sending a device
address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the
data word. The microcontroller does not respond with a “0” but does generate a following stop condition. (Refer to
Figure 12)
Figure 12.
Random Read
Note:
* = DON’T CARE bit


Similar Part No. - AT24C256C-MAHL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C-MAHL-T ATMEL-AT24C256C-MAHL-T Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results

Similar Description - AT24C256C-MAHL-T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com