Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6833 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA6833
Description  BLDC Motor Driver and LIN System Basis Chip
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6833 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6833_09 Datasheet HTML 1Page - ATMEL Corporation ATA6833_09 Datasheet HTML 2Page - ATMEL Corporation ATA6833_09 Datasheet HTML 3Page - ATMEL Corporation ATA6833_09 Datasheet HTML 4Page - ATMEL Corporation ATA6833_09 Datasheet HTML 5Page - ATMEL Corporation ATA6833_09 Datasheet HTML 6Page - ATMEL Corporation ATA6833_09 Datasheet HTML 7Page - ATMEL Corporation ATA6833_09 Datasheet HTML 8Page - ATMEL Corporation ATA6833_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
9122D–AUTO–09/09
ATA6833/ATA6834 [Preliminary]
2.
Pin Configuration
Figure 2-1.
Pinning QFN48
Note:
YWW
Date code (Y = Year - above 2000, WW = week number)
ATA683x
Product name
ZZZZZ
Wafer lot number
AL
Assembly sub-lot number
RWD
WDD
EN1
NC
NC
GND
NC
CC
WD
/RESET
VMODE
VINT
Atmel YWW
ATA6833/ATA6834
ZZZZZ-AL
CPLO1
CPHI1
CPLO2
CPHI2
CPOUT
S1
H1
S2
H2
S3
H3
DG3
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Table 2-1.
Pin Description
Pin
Symbol
I/O
Function
1
VMODE
I
Selector for VCC and interface logic voltage level
2
VINT
I/O
Blocking capacitor
3
RWD
I
Resistor defining the watchdog interval
4
CC
I/O
RC combination to adjust cross conduction time
5
/RESET
O
Reset signal for microcontroller
6
WD
I
Watchdog trigger signal
7
WDD
I
Enable and disable the watchdog
8
EN1
I
Microcontroller output to switch system in Sleep Mode
9
N.C.
Connect to GND
10
N.C.
Connect to GND
11
GND
I
Ground
12
NC
Connect to GND
13
LIN
I/O
LIN-bus terminal
14
NC
Connect to GND
15
TXD
I
Transmit signal to LIN bus from microcontroller
16
IL3
I
Control Input for output L3
17
IH3
I
Control Input for output H3


Similar Part No. - ATA6833_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6833-PLQW ATMEL-ATA6833-PLQW Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833-PLQW ATMEL-ATA6833-PLQW Datasheet
719Kb / 27P
   Built-in 5V/3.3V Voltage Regulator with Current Limitation
ATA6833 ATMEL-ATA6833_10 Datasheet
719Kb / 27P
   Built-in 5V/3.3V Voltage Regulator with Current Limitation
More results

Similar Description - ATA6833_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
logo
Freescale Semiconductor...
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
33911 FREESCALE-33911 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
33912 FREESCALE-33912 Datasheet
870Kb / 47P
   LIN System Basis Chip with DC Motor Pre-driver and Current
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com