Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DQ161-SH-B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25DQ161-SH-B
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DQ161-SH-B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25DQ161-SH-B Datasheet HTML 1Page - ATMEL Corporation AT25DQ161-SH-B Datasheet HTML 2Page - ATMEL Corporation AT25DQ161-SH-B Datasheet HTML 3Page - ATMEL Corporation AT25DQ161-SH-B Datasheet HTML 4Page - ATMEL Corporation AT25DQ161-SH-B Datasheet HTML 5Page - ATMEL Corporation AT25DQ161-SH-B Datasheet HTML 6Page - ATMEL Corporation AT25DQ161-SH-B Datasheet HTML 7Page - ATMEL Corporation AT25DQ161-SH-B Datasheet HTML 8Page - ATMEL Corporation AT25DQ161-SH-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5
8671A–DFLASH–07/09
AT25DQ161 [Preliminary]
3. Block Diagram
Figure 3-1.
Block Diagram
4. Memory Array
To provide the greatest flexibility, the memory array of the AT25DQ161 can be erased in four
levels of granularity including a full chip erase. In addition, the array has been divided into phys-
ical sectors of uniform size, of which each sector can be individually protected from program and
erase operations. The size of the physical sectors is optimized for both code and data storage
applications, allowing both code and data segments to reside in their own isolated regions. The
Memory Architecture Diagram illustrates the breakdown of each erase level as well as the
breakdown of each physical sector.
FLASH
MEMORY
ARRAY
Y-GATING
CS
SCK
Note: I/O3-0 pin naming convention is used for Dual-I/O and Quad-I/O commands
SO (I/O1)
SI (I/O0)
Y-DECODER
X-DECODER
I/O BUFFERS
AND LATCHES
CONTROL AND
PROTECTION LOGIC
SRAM
DATA BUFFER
WP (I/O2)
INTERFACE
CONTROL
AND
LOGIC
HOLD (I/O3)


Similar Part No. - AT25DQ161-SH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DQ161-SH-B ETC2-AT25DQ161-SH-B Datasheet
2Mb / 65P
   Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results

Similar Description - AT25DQ161-SH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
   Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF161 DIALOG-AT25SF161 Datasheet
484Kb / 4P
   16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25QF641 RENESAS-AT25QF641 Datasheet
6Mb / 72P
   64-Mbit, 2.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
6/2022
AT45DQ161 RENESAS-AT45DQ161 Datasheet
3Mb / 82P
   16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2/2022
logo
Dialog Semiconductor
AT45DQ161 DIALOG-AT45DQ161 Datasheet
1Mb / 83P
   16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25SF161B RENESAS-AT25SF161B Datasheet
1Mb / 61P
   16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
logo
Dialog Semiconductor
AT25SF161B DIALOG-AT25SF161B Datasheet
1Mb / 64P
   16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
logo
List of Unclassifed Man...
AT25SF041 ETC2-AT25SF041 Datasheet
2Mb / 46P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF041 DIALOG-AT25SF041 Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25SF041 RENESAS-AT25SF041 Datasheet
3Mb / 49P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
8/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com