Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C04BN-SP25-B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C04BN-SP25-B
Description  Two-wire Automotive Temperature Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04BN-SP25-B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C04BN-SP25-B Datasheet HTML 1Page - ATMEL Corporation AT24C04BN-SP25-B Datasheet HTML 2Page - ATMEL Corporation AT24C04BN-SP25-B Datasheet HTML 3Page - ATMEL Corporation AT24C04BN-SP25-B Datasheet HTML 4Page - ATMEL Corporation AT24C04BN-SP25-B Datasheet HTML 5Page - ATMEL Corporation AT24C04BN-SP25-B Datasheet HTML 6Page - ATMEL Corporation AT24C04BN-SP25-B Datasheet HTML 7Page - ATMEL Corporation AT24C04BN-SP25-B Datasheet HTML 8Page - ATMEL Corporation AT24C04BN-SP25-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
8517C–SEEPR–01/09
AT24C01B/02B/04B/08B
Figure 3-1.
Block Diagram
3.
Absolute Maximum Ratings
Operating Temperature...........................
−55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature..............................
−65°C to +150°C
Voltage on Any Pin
with Respect to Ground..................................
−1.0V to +7.0V
Maximum Operating Voltage..........................................6.25V
DC Output Current........................................................5.0 mA
START
STOP
LOGIC
VCC
GND
WP
SCL
SDA
A
2
A
1
A
0
SERIAL
CONTROL
LOGIC
EN
H.V. PUMP/TIMING
EEPROM
DATA RECOVERY
SERIAL MUX
D
OUT/ACK
LOGIC
COMP
LOAD
INC
DATA WORD
ADDR/COUNTER
Y DEC
R/W
D
OUT
D
IN
LOAD
DEVICE
ADDRESS
COMPARATOR


Similar Part No. - AT24C04BN-SP25-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04BN-SH-B ATMEL-AT24C04BN-SH-B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT24C04BN-SH-B ATMEL-AT24C04BN-SH-B Datasheet
502Kb / 28P
   Two-wire Serial EEPROM
AT24C04BN-SH-T ATMEL-AT24C04BN-SH-T Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT24C04BN-SH-T ATMEL-AT24C04BN-SH-T Datasheet
502Kb / 28P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C04BN-SP25-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com