Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN12816D-70I Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMN12816D-70I
Description  Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN12816D-70I Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

  HMN12816D-70I Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN12816D-70I Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN12816D-70I Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN12816D-70I Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN12816D-70I Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN12816D-70I Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN12816D-70I Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN12816D-70I Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN12816D-70I Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HANBit
HMN12816D
URL : www.hbe.co.kr
6
HANBit Electronics Co.,Ltd
Rev. 0.0 (April, 2002)
tRC
tOD
tOE
tCOE
Address
DOUT
/OE
Data Valid
tACC
/CEU, /CEL
tCO
tOD
tOH
tWC
tAW
tWP
tDS
tWP
tDH1
tWR1
tOEW
tODW
Data-in Valid
High-Z
Data Undefined (1)
Address
DIN
DOUT
/WE
/CEU,/CEL
TIMING WAVEFORM
READ CYCLE
WRITE CYCLE NO.1


Similar Part No. - HMN12816D-70I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMN12816D-70I ETC-HMN12816D-70I Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
More results

Similar Description - HMN12816D-70I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMN12816D ETC-HMN12816D Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
logo
Hanbit Electronics Co.,...
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN4M8D HANBIT-HMN4M8D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DE DLGHANBIT-HMN2M8DE Datasheet
571Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com