Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6871-TLPW Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA6871-TLPW
Description  Li-ion Battery Management Monitoring Emergency and Backup Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6871-TLPW Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA6871-TLPW Datasheet HTML 3Page - ATMEL Corporation ATA6871-TLPW Datasheet HTML 4Page - ATMEL Corporation ATA6871-TLPW Datasheet HTML 5Page - ATMEL Corporation ATA6871-TLPW Datasheet HTML 6Page - ATMEL Corporation ATA6871-TLPW Datasheet HTML 7Page - ATMEL Corporation ATA6871-TLPW Datasheet HTML 8Page - ATMEL Corporation ATA6871-TLPW Datasheet HTML 9Page - ATMEL Corporation ATA6871-TLPW Datasheet HTML 10Page - ATMEL Corporation ATA6871-TLPW Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
9123B–AUTO–07/09
ATA6871 [Preliminary]
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Unless otherwise specified all voltages refer to pin VSSA. Logic Levels: 0 = VSSA, 1 = VDD.
Parameters
Pin
Symbol
Min.
Max.
Unit
Ambient temperature
TA
–40
+85
°C
Junction temperature
TJ
–40
+125
°C
Storage temperature
TS
–40
+150
°C
Battery cell voltage
V(MBATi+1) - VMBATi
–0.3
+5.5
V
VVDDHV - VVMBAT7max
VVDDHV - VVMBAT7
–5.5
+0.3
V
VMBAT1
MBAT1
VMBAT1
–0.3
+0.3
V
Supply voltage
VDDHV
VVDDHV
–0.3
+30
V
Supply voltage (regulator is off)
VDD
VVDD
–0.3
+5.5
V
Input voltage for logic I/O pins
CHIPONE, CHIPLAST,
CONF0, CONF1,
SCANMODE, CLK,
TEST_HV, TEST_LV,
ENUV, OROUT
VCHIPONE, VCHIPLAST,
V
CONF0, VCONF1,
V
SCANMODE, VCLK,
VTEST_HV, VTEST_LV,
V
ENUV,VOROUT
–0.3
VDD + 0.3
V
Input voltage for analog low voltage input pins
BIASRES, TEMP_IN
V
BIASRES, VTEMP_IN
–0.3
VDD + 0.3
V
Input voltage for digital high voltage input pins OROUT_IN, STATUS_IN V
OROUT_IN, VSTATUS_IN
VDDHV – 0.3 VDDHV + 0.3
V
Logic output pin STATUS
STATUS
V
STATUS
–0.3
+5.5
V
Input
PD_N
V
PD_N
VDDHV – 5.5 VDDHV + 0.3
V
Output
PD_N_OUT
V
PD_N_OUT
–5.5
+0.3
V
HBM ESD
ANSI/ESD-STM5.1
JESD22-A114
AEC-Q100 (002)
ESD
±2
kV
CDM ESD STM 5.3.1
500
V
CDM ESD STM 5.3.1
VDDHV, CHIPLAST,
CONF1, STATUS_IN
ESD
750
V
Latch Up according to AECQ100-004
LATCH-UP
±100
mA
6.
Thermal Resistance
Parameters
Symbol
Value
Unit
Maximum thermal resistance junction-ambient
R
thja max
49
K/W


Similar Part No. - ATA6871-TLPW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6870 ATMEL-ATA6870 Datasheet
2Mb / 55P
   Li-Ion, NiMH Battery Measuring, Charge Balancing and Power-supply Circuit
ATA6870 ATMEL-ATA6870 Datasheet
4Mb / 24P
   Li-Ion/NiMH Battery Stack Measurement and Monitoring Kit Atmel ATA6870
ATA6870-DK11 ATMEL-ATA6870-DK11 Datasheet
1Mb / 17P
   User Guide for Atmel ATA6870 and Atmel ATmega32HVB Evaluation Kit Hardware DK11
ATA6870-PLPW ATMEL-ATA6870-PLPW Datasheet
2Mb / 55P
   Li-Ion, NiMH Battery Measuring, Charge Balancing and Power-supply Circuit
ATA6870-PLQW ATMEL-ATA6870-PLQW Datasheet
2Mb / 55P
   Li-Ion, NiMH Battery Measuring, Charge Balancing and Power-supply Circuit
More results

Similar Description - ATA6871-TLPW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
Linear Technology
LT1239 LINER-LT1239 Datasheet
246Kb / 12P
   Backup Battery Management Circuit
LT1239 LINER-LT1239_02 Datasheet
236Kb / 12P
   Backup Battery Management Circuit
logo
Infineon Technologies A...
TLE9012AQU INFINEON-TLE9012AQU Datasheet
404Kb / 6P
   Li-Ion Battery Monitoring and Balancing IC
2020-05-20
logo
Linear Technology
LT1239 LINER-LT1239_15 Datasheet
246Kb / 12P
   Backup Battery Management Circuit
logo
AiT Semiconductor Inc.
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
   BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
   BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com