Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA8404 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA8404
Description  UHF ASK/FSK Industrial Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8404 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA8404 Datasheet HTML 3Page - ATMEL Corporation ATA8404 Datasheet HTML 4Page - ATMEL Corporation ATA8404 Datasheet HTML 5Page - ATMEL Corporation ATA8404 Datasheet HTML 6Page - ATMEL Corporation ATA8404 Datasheet HTML 7Page - ATMEL Corporation ATA8404 Datasheet HTML 8Page - ATMEL Corporation ATA8404 Datasheet HTML 9Page - ATMEL Corporation ATA8404 Datasheet HTML 10Page - ATMEL Corporation ATA8404 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
9136C–INDCO–10/09
ATA8404/ATA8405 [Preliminary]
4.2
Transmission with ENABLE = High
4.2.1
FSK Mode
The ATA8404/ATA8405 is activated by ENABLE = High, FSK = High, and ASK = Low. The
microcontroller is then switched to external clocking. After typically 0.6 ms, the CLK driver is
activated automatically (i.e., the microcontroller waits until the XTO and CLK are ready). After
another time period of
250 µs, the PLL is locked and ready to transmit. The power amplifier
is switched on with ASK = H. The ATA8404/ATA8405 is then ready for FSK modulation. The
microcontroller starts to switch on and off the capacitor between the crystal load capacitor and
GND by means of pin FSK, thus, changing the reference frequency of the PLL. IF FSK = L the
output frequency is lower, if FSK = H output frequency is higher. After transmission, ASK is
switched to Low and the microcontroller returns back to internal clocking. Then, the
ATA8404/ATA8405 is switched to power-down mode with ENABLE = Low and FSK = Low.
Figure 4-3.
Timing FSK Mode with ENABLE Connected to the Microcontroller
4.2.2
ASK Mode
The ATA8404/ATA8405 is activated by ENABLE = High, FSK = High and ASK = Low. After
activation the microcontroller is switched to external clocking. After typically 0.6 ms, the CLK
driver is activated automatically (the microcontroller waits until the XTO and CLK are ready).
After another time period of
250 µs, the PLL is locked and ready to transmit. The output
power can then be modulated by means of pin ASK. After transmission, ASK is switched to
Low and the microcontroller returns back to internal clocking. Then, the ATA8404/ATA8405 is
switched to power-down mode with ENABLE = Low and FSK = Low.
FSK
CLK
Power-up,
PA off
ASK
ΔT
XTO
Power-down
Power-up,
PA on
(f
RF = High)
> 250 µs
Power-down
Power-up,
PA off
(f
RF = Low)
ENABLE


Similar Part No. - ATA8404

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results

Similar Description - ATA8404

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8402 ATMEL-ATA8402_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8402 ATMEL-ATA8402 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_14 Datasheet
678Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_09 Datasheet
352Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com