Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA8404-6DQY Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA8404-6DQY
Description  UHF ASK/FSK Industrial Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8404-6DQY Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA8404-6DQY Datasheet HTML 6Page - ATMEL Corporation ATA8404-6DQY Datasheet HTML 7Page - ATMEL Corporation ATA8404-6DQY Datasheet HTML 8Page - ATMEL Corporation ATA8404-6DQY Datasheet HTML 9Page - ATMEL Corporation ATA8404-6DQY Datasheet HTML 10Page - ATMEL Corporation ATA8404-6DQY Datasheet HTML 11Page - ATMEL Corporation ATA8404-6DQY Datasheet HTML 12Page - ATMEL Corporation ATA8404-6DQY Datasheet HTML 13Page - ATMEL Corporation ATA8404-6DQY Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
9136C–INDCO–10/09
ATA8404/ATA8405 [Preliminary]
The output capacitance of 0.66 pF will be absorbed into the load impedance, so a real imped-
ance of 684
Ω (ATA8404) at 315 MHz and 623Ω (ATA8405) at 433.92 MHz should be
measured with a network analyses at pin 5 (ANT1) with the ATA8404/ATA8405 soldered, an
optimized antenna connected, and the power amplifier switched off.
Less output power is achieved by lowering the real parallel part where the parallel imaginary
part should be kept constant. Lowering the real part of the load impedance also reduces the
supply voltage dependency of the output power.
Output power measurement can be done with the circuit as shown in Figure 4-6. Please note
that the component values must be changed to compensate for the individual board parasitics
until the ATA8404/ATA8405 has the right load impedance. Also, the damping of the cable used
to measure the output power must be calibrated.
Figure 4-6.
Output Power Measurement ATA8404/ATA8405
Table 4-2 and Table 4-3 show the output power and the supply current versus temperature
and supply voltage.
Table 4-2.
Output Power and Supply Current versus Temperature and Supply
Voltage for the ATA8404 with Z
Load =380Ω +j340Ω (Correlation Tested)
Ambient
Temperature
V
S = 2.0V
(dBm/mA)
V
S = 3.0V
(dBm/mA)
V
S = 3.6V
(dBm/mA)
Tamb = –40°C
3.1 ±1.5 / 7.2
6.1 +2/–3 / 7.7
7.1 +2/–3 / 7.9
T
amb = +25°C
3.0 ±1.5 / 7.5
6.0 ±2 / 8.1
7.4 ±2 / 8.3
Tamb = +85°C
3.0 ±1.5 / 7.5
5.8 +2/–3 / 8.2
7.2 +2/–3 / 8.5
Table 4-3.
Output Power and Supply Current versus Temperature and Supply
Voltage for the ATA8405 with Z
Load =280Ω +j310Ω (Correlation Tested)
Ambient
Temperature
V
S = 2.0V
(dBm/mA)
V
S = 3.0V
(dBm/mA)
V
S = 3.6V
(dBm/mA)
Tamb = –40°C
3.3 ±1.5 / 7.6
6.2 +2/–3 / 8.1
7.1 +2/–3 / 8.4
Tamb = +25°C
3.0 ±1.5 / 8.0
6.0 ±2 / 8.5
7.5 ±2 / 8.8
Tamb = +85°C
2.8 ±1.5 / 8.0
5.7 +2/–3 / 8.6
6.8 +2/–3 / 8.8
~
ANT2
ANT1
Rin
Power
meter
C1 = 1n
L1 = 68 nH/ 39 nH
C2 = 2.2 pF/1.8 pF
Z
Lopt
VS
Z = 50
Ω
50
Ω


Similar Part No. - ATA8404-6DQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results

Similar Description - ATA8404-6DQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8402 ATMEL-ATA8402_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8402 ATMEL-ATA8402 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_14 Datasheet
678Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_09 Datasheet
352Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com