Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA8741 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA8741
Description  Microcontroller with UHF ASK/FSK Transmitter
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8741 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA8741 Datasheet HTML 1Page - ATMEL Corporation ATA8741 Datasheet HTML 2Page - ATMEL Corporation ATA8741 Datasheet HTML 3Page - ATMEL Corporation ATA8741 Datasheet HTML 4Page - ATMEL Corporation ATA8741 Datasheet HTML 5Page - ATMEL Corporation ATA8741 Datasheet HTML 6Page - ATMEL Corporation ATA8741 Datasheet HTML 7Page - ATMEL Corporation ATA8741 Datasheet HTML 8Page - ATMEL Corporation ATA8741 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 238 page
background image
5
9140B–INDCO–07/09
ATA8741
2.1
Pin Configuration of RF Pins
Table 2-2.
Pin Description
Pin
Symbol
Function
Configuration
8CLK
Clock output signal for microcontroller.
The clock output frequency is set by the
crystal to fXTAL/4.
9
PA_ENABLE
Switches on power amplifier.
Used for ASK modulation.
10
11
ANT2
ANT1
Emitter of antenna output stage.
Open collector antenna output.
20
XTAL
Connection for crystal.
100
Ω
100
Ω
CLK
VS
50 k
Ω
20 µA
UREF = 1.1V
PA_ENABLE
ANT1
ANT2
1.5 k
Ω
1.2 k
Ω
182 µA
XTAL
VS
VS


Similar Part No. - ATA8741

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8741 ATMEL-ATA8741_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATA8741

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3_07 Datasheet
2Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com