Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA8743-PXQW Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA8743-PXQW
Description  Microcontroller with UHF ASK/FSK Transmitter
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8743-PXQW Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA8743-PXQW Datasheet HTML 3Page - ATMEL Corporation ATA8743-PXQW Datasheet HTML 4Page - ATMEL Corporation ATA8743-PXQW Datasheet HTML 5Page - ATMEL Corporation ATA8743-PXQW Datasheet HTML 6Page - ATMEL Corporation ATA8743-PXQW Datasheet HTML 7Page - ATMEL Corporation ATA8743-PXQW Datasheet HTML 8Page - ATMEL Corporation ATA8743-PXQW Datasheet HTML 9Page - ATMEL Corporation ATA8743-PXQW Datasheet HTML 10Page - ATMEL Corporation ATA8743-PXQW Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 238 page
background image
7
9152A–INDCO–07/09
ATA8743
3.
Functional Description
For a typical application 3 to 4 interconnections between the AVR and the transmitter are
required (see Figure 1-1 on page 2 and Figure 1-2 on page 3). The CLK line is used to allow the
microcontroller to generate an XTAL-based transmitter signal. The ENABLE line is used to start
the XTO, PLL, and clock output of the transmitter. The PA_ENABLE line is used to enable the
power amplifier in ASK and FSK mode. In FSK mode a fourth line is necessary to modulate the
load capacity of the XTAL. To wake up the system from standby mode at least one key input is
required. After pressing the key, the microcontroller starts up with the internal RC oscillator. For
TX operation user software must control ENABLE, PA_ENABLE, and XTAL load capacity as
described in the following section.
If ENABLE = L and PA_ENABLE = L the transmitter and the microcontroller (MCU) are in
standby mode, reducing the power consumption so that a lithium cell can be used as power sup-
ply for several years.
If ENABLE = H and PA_ENABLE = L, the XTO, PLL, and the CLK driver from the transmitter are
activated. The crystal oscillator together with the PLL from the RF transmitter typically requires
< 1 ms until the PLL is locked and the clock output (Pin 8) is stable.
If ENABLE = H and PA_ENABLE = H, the XTO, PLL, CLK driver, and the power amplifier (PA)
are switched on. ASK modulation is achieved by switching on and off the power amplifier via
PA_ENABLE. FSK modulation is achieved by switching on and off an additional capacitor
between the XTAL load capacitor and GND, thus changing the reference frequency of the PLL.
This is done using a MOS switch controlled by a microcontroller output. The power amplifier is
switched on via PA_ENABLE = H.
The MCU has to wait at least > 4 ms after setting ENABLE = H, before the external clock can be
used. The external clock is connected via the timer0 input pin that clocks the USI from the MCU
to achieve an accurate data transfer. The frequency of the internal RC oscillator is affected by
ambient temperature and operating voltage.
The USI provides two serial synchronous data transfer modes, with different physical I/O ports
for the data output. The two wire mode is used for ASK and the three wire mode is used for FSK.
If ENABLE = L and the PA_ENABLE = L, the circuit is in standby mode consuming only a very
small amount of current, so that a lithium cell used as power supply can work for several years.
With ENABLE = H the XTO, PLL, and the CLK driver are switched on. If PA_ENABLE remains L
only the PLL and the XTO are running and the CLK signal is delivered to the microcontroller.
The VCO locks to 64 times the XTO frequency.
With ENABLE = H and PA_ENABLE = H the PLL, XTO, CLK driver, and the power amplifier are
on. With PA_ENABLE the power amplifier can be switched on and off, which is used to perform
the ASK modulation.


Similar Part No. - ATA8743-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATA8743-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3_07 Datasheet
2Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com