Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ6.8Z4KTH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RKZ6.8Z4KTH
Description  Silicon Planar Zener Diode for Surge Absorption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ6.8Z4KTH Datasheet(HTML) 1 Page - Renesas Technology Corp

  RKZ6.8Z4KTH Datasheet HTML 1Page - Renesas Technology Corp RKZ6.8Z4KTH Datasheet HTML 2Page - Renesas Technology Corp RKZ6.8Z4KTH Datasheet HTML 3Page - Renesas Technology Corp RKZ6.8Z4KTH Datasheet HTML 4Page - Renesas Technology Corp RKZ6.8Z4KTH Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G1820-0100 Rev.1.00 Sep.15.2009
Page 1 of 4
RKZ6.8Z4KT
Silicon Planar Zener Diode for Surge Absorption
REJ03G1820-0100
Rev.1.00
Sep 15, 2009
Features
• RKZ6.8Z4KT can absorbing surge with four devices in one chip configuration.
• Low capacitance (C = 4.0 pF Typ) enable protecting signal line from ESD.
• VSON-5 Package is suitable for high density surface mounting.
Ordering Information
Part No
Laser Mark
Package Name
Package Code
Taping Abbreviation
(Quantity)
RKZ6.8Z4KT H
RKZ6.8Z4KT P
N1
VSON-5
PUSN0005KB-A
H (3,000 pcs / reel)
P (3,000 pcs / reel)
Pin Arrangement
12
54
3
1. Cathode
2. Cathode
3. Cathode
4. Anode
5. Cathode
(Top View)
12
543
(Top View)
N1
(Month code)
Month Code
Assemble
Assemble
Month of Manufacture
MALAYSIA
Month of Manufacture
MALAYSIA
January
1
July
7
February
2
August
8
March
3
September
9
April
4
October
W
May
5
November
X
June
6
December
Y


Similar Part No. - RKZ6.8Z4KTH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results

Similar Description - RKZ6.8Z4KTH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ7.5Z4MFAKT RENESAS-RKZ7.5Z4MFAKT Datasheet
193Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2Z4MFAKT RENESAS-RKZ6.2Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ-KP RENESAS-RKZ-KP Datasheet
83Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8TKJ RENESAS-RKZ6.8TKJ Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ6.8TKK RENESAS-RKZ6.8TKK Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com