Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ6.8Z4KTP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKZ6.8Z4KTP
Description  Silicon Planar Zener Diode for Surge Absorption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ6.8Z4KTP Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKZ6.8Z4KTP Datasheet HTML 1Page - Renesas Technology Corp RKZ6.8Z4KTP Datasheet HTML 2Page - Renesas Technology Corp RKZ6.8Z4KTP Datasheet HTML 3Page - Renesas Technology Corp RKZ6.8Z4KTP Datasheet HTML 4Page - Renesas Technology Corp RKZ6.8Z4KTP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RKZ6.8Z4KT
REJ03G1820-0100
Rev.1.00 Sep.15.2009
Page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note
: Four devices total, See Fig.2.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Zener voltage
VZ
6.47
7.00
V
IZ = 5 mA, 40 ms pulse
Reverse current
IR1
2
nA
VR = 3.5 V
Capacitance
C
4.0
4.5
pF
VR = 0 V, f = 1 MHz
Dynamic resistance
rd
30
Ω
IZ = 5 mA
ESD-Capability *
2, *3
8
kV
C = 150 pF, R = 330
Ω, Both forward and
reverse direction 10 pulse
Notes
: 1. Per one device.
2. Failure criterion ; IR > 2 μA at VR = 3.5 V.
3. Between cathode and anode.


Similar Part No. - RKZ6.8Z4KTP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results

Similar Description - RKZ6.8Z4KTP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ7.5Z4MFAKT RENESAS-RKZ7.5Z4MFAKT Datasheet
193Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2Z4MFAKT RENESAS-RKZ6.2Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ-KP RENESAS-RKZ-KP Datasheet
83Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8TKJ RENESAS-RKZ6.8TKJ Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ6.8TKK RENESAS-RKZ6.8TKK Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com