Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12PW3C Datasheet(PDF) 2 Page - HB Electronic Components

Part # S12PW3C
Description  LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

S12PW3C Datasheet(HTML) 2 Page - HB Electronic Components

  S12PW3C Datasheet HTML 1Page - HB Electronic Components S12PW3C Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page: 2 of 2
Part No.:
S12PW3C
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Max.
Unit
DC Forward Current
IF
----
----
350
mA
Peak Pulse Current
Ipeak
Duty=0.1ms,1kHz
----
500
mA
Power Dissipation
Pd
----
----
1.4
W
LED Junction Temperature
Tj
----
----
120
Operating Temperature
Topr
----
-25
+100
Storage
Temperature
Tstr
----
-40
+120
ESD Sensitivity
---
HBM
8000
----
V
Soldering Temperature
---
----
260℃ for 5 Seconds max
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
3
3.4
4.0
V
Luminous Flux
Φv
50
----
----
lm
Viewing Angle
2θ1/2
----
120
----
Deg.
Color Temperature
CCT
IF = 350mA
----
3300
----
K
Luminous Flux Bins(Ta = 25℃)
Unit: lm
Bin
J
K
L
Min
50
60
70
Max
60
70
80
CCT Bins(Ta = 25℃)
Unit: K
Bin
W0
W1
W2
Min
----
3000
3300
Max
3000
3300
3600
LED SPECIFICATION
Hebei I.T. (Shanghai) Co., Ltd.


Similar Part No. - S12PW3C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
S12PW3C-B HB-S12PW3C-B Datasheet
163Kb / 2P
   LED
More results

Similar Description - S12PW3C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com