Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCC2KRCT Datasheet(PDF) 3 Page - HB Electronic Components

Part # PLCC2KRCT
Description  SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2KRCT Datasheet(HTML) 3 Page - HB Electronic Components

  PLCC2KRCT Datasheet HTML 1Page - HB Electronic Components PLCC2KRCT Datasheet HTML 2Page - HB Electronic Components PLCC2KRCT Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./型号:PLCC2KRCT
www.ledz.com
3/3
6、Typical electrical/optical characteristic curves/光电特性曲线:
Fig.4 相对亮度 Vs. 环境温度
-20
2.5
2.0
40
60
90
80
1.5
1.0
0.5
0
20
0
-40
Ambient Temperature TA ()
Fig.3 正向电流 Vs. 环境温度
Fig.2 相对亮度 Vs. 正向电流
1.6
2.5
50
40
Fig.1 正向电流 Vs. 正向电压
1.5
1.0
0
0.5
IF-Forward Current (mA)
0
20
10
2.6
2.2
2.4
30
40
50
30
20
10
0
50
2.0
1.8
Forward Voltage(V)
100
60
80
40
30
10
0
20
20
0
Ambient Temperature TA ()
40
2.0
Fig.5 相对亮度 Vs. 波长
Wavelength λ (nm)/波长
700
750
100
75
25
50
0
450
500
600
550
650


Similar Part No. - PLCC2KRCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC2KGCT HB-PLCC2KGCT Datasheet
90Kb / 3P
   SMD
PLCC2KYCT HB-PLCC2KYCT Datasheet
72Kb / 4P
   SMD
More results

Similar Description - PLCC2KRCT

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com