Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKD703KK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKD703KK
Description  Silicon Schottky Barrier Diode for High Speed Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKD703KK Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKD703KK Datasheet HTML 1Page - Renesas Technology Corp RKD703KK Datasheet HTML 2Page - Renesas Technology Corp RKD703KK Datasheet HTML 3Page - Renesas Technology Corp RKD703KK Datasheet HTML 4Page - Renesas Technology Corp RKD703KK Datasheet HTML 5Page - Renesas Technology Corp RKD703KK Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RKD703KK
REJ03G1833-0200 Rev.2.00 Nov 20, 2009
Page 4 of 5
0.15
0.1
0
Fig.4 Forward power dissipation vs. Forward current
Forward current IF (A)
0.05
DC
D=1/2
0
0.05
0.1
0.15
D=1/6
D=1/3
sin
Fig.5 Reverse power dissipation vs. Reverse voltage
Reverse voltage VR (V)
0
20
0
0.05
0.1
0.15
30
10
0
50
100
25
75
125
0
0.08
0.04
0.1
0.06
0.02
–25
Ambient temperature Ta (°C)
Fig.6 Average rectified current vs. Ambient temperature
DC
D=1/6
D=5/6
D=2/3
D=1/2
Sin
D=1/2
sin(
θ=180°)
D=1/3
VR = VRRM/2
Tj = 125
°C
Rth(j-a) = 600
°C/W
t
T
0A
D = —
T
t
Ta = 25
°C
t
T
0V
D = —
T
t
Tj = 125
°C


Similar Part No. - RKD703KK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKD703KJ RENESAS-RKD703KJ Datasheet
76Kb / 8P
   Silicon Schottky Barrier Diode for High Speed Switching
RKD703KJP RENESAS-RKD703KJP Datasheet
76Kb / 8P
   Silicon Schottky Barrier Diode for High Speed Switching
RKD703KJR RENESAS-RKD703KJR Datasheet
76Kb / 8P
   Silicon Schottky Barrier Diode for High Speed Switching
RKD703KL RENESAS-RKD703KL Datasheet
95Kb / 6P
   Silicon Schottky Barrier Diode for high Speed Switching
RKD703KLR RENESAS-RKD703KLR Datasheet
95Kb / 6P
   Silicon Schottky Barrier Diode for high Speed Switching
More results

Similar Description - RKD703KK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB0104YP HITACHI-HSB0104YP Datasheet
27Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
logo
Renesas Technology Corp
HSU226 RENESAS-HSU226 Datasheet
44Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
RKD702KL RENESAS-RKD702KL Datasheet
66Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
HSM226S RENESAS-HSM226S Datasheet
63Kb / 5P
   Silicon Schottky Barrier Diode for High speed switching
logo
Hitachi Semiconductor
HSU227 HITACHI-HSU227 Datasheet
25Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
logo
Renesas Technology Corp
RKD701KN RENESAS-RKD701KN Datasheet
163Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
HSB88AS RENESAS-HSB88AS Datasheet
147Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
HSB88YP RENESAS-HSB88YP Datasheet
148Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
RKD703KL RENESAS-RKD703KL Datasheet
95Kb / 6P
   Silicon Schottky Barrier Diode for high Speed Switching
logo
Hitachi Semiconductor
HSB278S HITACHI-HSB278S Datasheet
29Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
logo
Renesas Technology Corp
HSL226 RENESAS-HSL226_07 Datasheet
66Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com