Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD16M64B8A-13 Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # HMD16M64B8A-13
Description  Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD16M64B8A-13 Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button HMD16M64B8A-13 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-13 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HANBit
HSD16M64B8A
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
- 10 -
PACKAGING INFORMATION
Unit : Inch [mm]
PCB Thickness: 1.0mm (10.t - 1.1t)
Immersion Gold PCB Pattern
ORDERING INFORMATION
( F MEANS AUTO & SELF REFRESH WITH LOW-POWER (3.3V))
Part Number
Density
Org.
Package
Ref.
Vcc
MODE
MAX.frq
HMD16M64B8A-13
128MByte
16M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
133MHz
HMD16M64B8A-12
128MByte
16M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
125MHz
HMD16M64B8A-10L
128MByte
16M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
100MHz
HMD16M64B8A-10
128MByte
16M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL2
100MHz
HMD16M64B8A-F13
128MByte
16M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
133MHz
HMD16M64B8A-F12
128MByte
16M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
125MHz
HMD16M64B8A-F10L
128MByte
16M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL3
100MHz
HMD16M64B8A-F10
128MByte
16M x 64
144 Pin-
SODIMM
4K
3.3V
SDRAM
CL2
100MHz


Similar Part No. - HMD16M64B8A-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMD16M64B8A-13 ETC1-HMD16M64B8A-13 Datasheet
111Kb / 10P
   The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module.
More results

Similar Description - HMD16M64B8A-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD2M64B2 HANBIT-HSD2M64B2 Datasheet
75Kb / 10P
   Synchronous DRAM Module 16Mbyte (2Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8A HANBIT-HSD8M64B8A Datasheet
90Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com