Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD16M64B8A-F10 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMD16M64B8A-F10
Description  Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD16M64B8A-F10 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HMD16M64B8A-F10 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-F10 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-F10 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-F10 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-F10 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-F10 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-F10 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-F10 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMD16M64B8A-F10 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HANBit
HSD16M64B8A
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
- 6 -
ICC2NS
CKE
≥ VIH(min)
CLK
≤ VIL(max), tCC=∞
Input signals are stable
7
ICC3P
CKE
≤ VIL(max), tCC=10ns
5
Active standby current in
power-down mode
ICC3PS
CKE&CLK
≤ VIL(max)
tCC=
5
mA
ICC3N
CKE
≥VIH(min),
CS*
≥VIH(min), tCC=10ns
Input signals are changed
one time during 20ns
30
Active standby current in
non power-down mode
(One bank active)
ICC3NS
CKE
≥VIH(min)
CLK
≤VIL(max), tCC=∞
Input signals are stable
20
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
15
0
145
125
125
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
22
0
220
210
210
mA
2
1.5
mA
Self refresh current
ICC6
CKE
≤ 0.2V
800
mA
Notes:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
AC OPERATING TEST CONDITIONS
(vcc = 3.3V
± 0.3V, TA = 0 to 70° C)
PARAMETER
Value
UNIT
AC Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2


Similar Part No. - HMD16M64B8A-F10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMD16M64B8A-F10 ETC1-HMD16M64B8A-F10 Datasheet
111Kb / 10P
   The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module.
HMD16M64B8A-F10L ETC1-HMD16M64B8A-F10L Datasheet
111Kb / 10P
   The HSD16M64B8A is a 16M x 64 bit Synchronous Dynamic RAM high density memory module.
More results

Similar Description - HMD16M64B8A-F10

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD2M64B2 HANBIT-HSD2M64B2 Datasheet
75Kb / 10P
   Synchronous DRAM Module 16Mbyte (2Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4W HANBIT-HSD4M64B4W Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8A HANBIT-HSD8M64B8A Datasheet
90Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com