Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD32M64D8A-13 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMD32M64D8A-13
Description  Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD32M64D8A-13 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMD32M64D8A-13 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HANBit
HSD32M64D8A
URL:www.hbe.co.kr
- 5 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
DC OPERATING CONDITIONS
(Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
° C) )
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
NOTE
Supply Voltage
Vcc
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
Vcc+0.3
V
1
Input Low Voltage
VIL
-0.3
0
0.8
V
2
Output High Voltage
VOH
2.4
-
-
V
IOH = -2mA
Output Low Voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
I LI
-10
-
10
uA
3
Notes :
1. VIH (max) = 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V
≤ V
IN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
(VCC = 3.3V, TA = 23
° C, f = 1MHz, VREF =1.4V ± 200 mV)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Clock
CCLK
2.5
4.0
pF
Address
CADD
2.5
5.0
pF
/RAS, /CAS, /WE, /CS, CKE, DQM
C IN
2.5
5.0
pF
DQ (DQ0 ~ DQ15)
COUT
4.0
6.5
pF
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
° C)
VERSION
PARAMETER
SYMBOL
TEST
CONDITION
-13
-12
-10
-10L
UNIT
NOTE
Operating current
(One bank active)
ICC1
Burst length = 1
tRC ≥ tRC(min)
IO = 0mA
120
120
110
110
mA
1
ICC2P
CKE
≤ V
IL(max)
tCC=10ns
2
mA
Precharge standby current in
power-down mode
ICC2PS
CKE & CLK
≤ V
IL(max)
tCC=∞
2
mA
ICC2N
CKE
≥ V
IH(min)
CS*
≥ V
IH(min),
tCC=10ns
Input signals are changed
one time during 20ns
16
Precharge standby current in
non power-down mode
ICC2NS
CKE
≥ V
IH(min)
CLK
≤ V
IL(max),
tCC=∞
Input signals are stable
14
mA


Similar Part No. - HMD32M64D8A-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD32M32M16EG-5 HANBIT-HMD32M32M16EG-5 Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD32M32M16EG-6 HANBIT-HMD32M32M16EG-6 Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD32M32M16G HANBIT-HMD32M32M16G Datasheet
93Kb / 7P
   128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
HMD32M32M16G-5 HANBIT-HMD32M32M16G-5 Datasheet
93Kb / 7P
   128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
More results

Similar Description - HMD32M64D8A-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M32D4 HANBIT-HSD16M32D4 Datasheet
145Kb / 10P
   Synchronous DRAM Module 64Mbyte(16Mx32-Bit), 100pin DIMM, 4Banks, 8K Ref., 3.3V
HSD8M64D8A HANBIT-HSD8M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit),DIMM, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64D8H HANBIT-HSD8M64D8H Datasheet
98Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit), DIMM based on 8Mx8,4Banks, 4K Ref., 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8KA HANBIT-HSD64M64F8KA Datasheet
137Kb / 10P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8 ,4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com