Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M72D16R-12N Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M72D16R-12N
Description  Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M72D16R-12N Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button HSD32M72D16R-12N Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-12N Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-12N Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-12N Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-12N Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-12N Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-12N Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-12N Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-12N Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HANBit
HSD32M64D16R
URL:www.hbe.co.kr
- 9 -
HANBit Electronics Co.,Ltd
REV.1.0 (August.2002).
SIMPLIFIED TRUTH TABLE
COMMAND
CKE
n-1
CKE
n
/C
E
/R
A
S
/C
A
S
/W
E
D
Q
M
BA
0,1
A10/
AP
A11
A9~A0
NOTE
Register
Mode register set
H
X
L
L
L
L
X
OP code
1,2
Auto refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self
refres
h
Exit
L
H
H
X
X
X
X
X
3
Bank active & row addr.
H
X
L
L
H
H
X
V
Row address
Auto
precharge
disable
L
4
Read &
column
address
Auto
precharge
eable
H
X
L
H
L
H
X
V
H
Column
Address
(A0 ~ A9)
4,5
Auto
precharge
disable
H
L
4
Write &
column
address
Auto
precharge
enable
H
X
L
H
L
L
X
V
H
Column
Address
(A0 ~ A9)
4,5
Burst Stop
H
X
L
H
H
L
X
X
6
Bank selection
V
L
Precharg
e
All banks
H
X
L
L
H
L
X
X
H
X
H
X
X
X
Entry
H
L
L
V
V
V
X
Clock suspend or
active power down
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge
power
down mode
Exit
L
H
L
V
V
V
X
X
DQM
H
X
V
X
7
H
X
X
X
No operation command
H
X
L
H
H
H
X
X
(V=Valid, X=Don't care, H=Logic high, L=Logic low)
Notes :
1. OP Code : Operand code
A0 ~ A11 & BA0 ~ BA1 : Program keys. (@ MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3. Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If both BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank B is selected.
If both BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
If A10/AP is "High" at row precharge, BA0 and BA1 is ignored and all banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (Write DQM latency is 0),
but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)


Similar Part No. - HSD32M72D16R-12N

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A-10 HANBIT-HSD32M72D18A-10 Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A-10 DLGHANBIT-HSD32M72D18A-10 Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A-10L HANBIT-HSD32M72D18A-10L Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD32M72D16R-12N

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18R HANBIT-HSD32M72D18R Datasheet
177Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com