Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD32M72D16R-13N Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M72D16R-13N
Description  Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M72D16R-13N Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

Back Button HSD32M72D16R-13N Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-13N Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-13N Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-13N Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-13N Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-13N Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-13N Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-13N Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd HSD32M72D16R-13N Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HANBit
HSD32M64D16R
URL:www.hbe.co.kr
- 8 -
HANBit Electronics Co.,Ltd
REV.1.0 (August.2002).
Notes :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
.5. For -1H/1L, tRDL=1CLK and tDAL=1CLK+20ns is also supported .
( recommend : tRDL=2CLK and tDAL=2CLK + 20ns.)
AC CHARACTERISTICS
(AC operating conditions unless otherwise noted)
-1H
-1L
-13
PARAMETER
SYMBO
L
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTE
CAS latency=3
10
10
7.5
CLK cycle time
CAS latency=2
tCC
10
1000
12
1000
-
1000
ns
1
CAS latency=3
6
6
5.4
CLK to valid
output delay
CAS latency=2
tSAC
6
7
-
ns
1,2
CAS latency=3
3
3
2.7
``Output data
hold time
CAS latency=2
tOH
3
3
-
ns
1,2
CLK high pulse width
tCH
3
3
2.5
ns
3
CLK low pulse width
tCL
3
3
2.5
ns
3
Input setup time
tSS
2
2
1.5
ns
3
Input hold time
tSH
1
1
0.8
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
2
CAS latency=3
6
6
5.4
ns
1
CLK to output
in Hi-Z
CAS latency=2
tSHZ
6
7
-
ns
1
Notes :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered
i.e., [(tr + tf)/2-1]ns should be added to the parameter.


Similar Part No. - HSD32M72D16R-13N

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A-10 HANBIT-HSD32M72D18A-10 Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A-10 DLGHANBIT-HSD32M72D18A-10 Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A-10L HANBIT-HSD32M72D18A-10L Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD32M72D16R-13N

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8KP HANBIT-HSD32M64D8KP Datasheet
814Kb / 29P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM Unbuffered with Based on Stacked 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18R HANBIT-HSD32M72D18R Datasheet
177Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com