Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP6085DPN-00-T2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJP6085DPN-00-T2
Description  Silicon N Channel IGBT High Speed Power Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP6085DPN-00-T2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJP6085DPN-00-T2 Datasheet HTML 1Page - Renesas Technology Corp RJP6085DPN-00-T2 Datasheet HTML 2Page - Renesas Technology Corp RJP6085DPN-00-T2 Datasheet HTML 3Page - Renesas Technology Corp RJP6085DPN-00-T2 Datasheet HTML 4Page - Renesas Technology Corp RJP6085DPN-00-T2 Datasheet HTML 5Page - Renesas Technology Corp RJP6085DPN-00-T2 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REJ03G1863-0100 Rev.1.00 Nov 09, 2009
Page 1 of 5
RJP6085DPN
Silicon N Channel IGBT
High Speed Power Switching
REJ03G1863-0100
Rev.1.00
Nov 09, 2009
Features
• High speed switching
• Low collector to emitter saturation voltage
Outline
RENESAS Package code: PRSS0004AC-A)
(Package name: TO-220AB)
1. Gate
2. Collector
3. Emitter
4. Collector (Flange)
C
G
E
1
2
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to Emitter voltage
VCES
600
V
Gate to Emitter voltage
VGES
±30
V
Collector current
IC
40
A
Collector peak current
IC(peak)
Note1
80
A
Collector dissipation
PC
Note2
178.5
W
Junction to case thermal impedance
θj-c Note2
0.7
°C/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Pulse width limited by safe operating area.
2. Value at Tc = 25
°C


Similar Part No. - RJP6085DPN-00-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP6085DPN RENESAS-RJP6085DPN_15 Datasheet
121Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJP6085DPN-00-T2

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com