Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKP436KER Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKP436KER
Description  Ultra small Package Composite Pin Diode for Antenna Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP436KER Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKP436KER Datasheet HTML 1Page - Renesas Technology Corp RKP436KER Datasheet HTML 2Page - Renesas Technology Corp RKP436KER Datasheet HTML 3Page - Renesas Technology Corp RKP436KER Datasheet HTML 4Page - Renesas Technology Corp RKP436KER Datasheet HTML 5Page - Renesas Technology Corp RKP436KER Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RKP436KE
Preliminary
REJ03G1864-0100 Rev.1.00 Nov 19, 2009
Page 4 of 5
Main Characteristics (RKP204KP Series)
0
0.2
0.4
0.6
0.8
1.0
10
–3
10
–5
10
–7
10
–9
10
–11
010
40
30
20
50
0.1
1.0
0.1
10
10
1.0
10
–7
10
–8
10
–9
10
–10
10
–11
10
–12
10
–13
0.1
1.0
10
100
0.1
1.0
10
–4
10
–6
10
–8
10
–10
10
–12
10
–2
10
f = 100MHz
f = 1MHz
Forward current IF (mA)
Fig.4 Forward resistance vs. Forward current
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage


Similar Part No. - RKP436KER

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP400KS RENESAS-RKP400KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP402KS RENESAS-RKP402KS Datasheet
55Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP403KS RENESAS-RKP403KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
More results

Similar Description - RKP436KER

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP453KE RENESAS-RKP453KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP450KE RENESAS-RKP450KE Datasheet
84Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP452KE RENESAS-RKP452KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP454KE RENESAS-RKP454KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP451KE RENESAS-RKP451KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP407KS RENESAS-RKP407KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP412KS RENESAS-RKP412KS Datasheet
48Kb / 5P
   Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com