Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33879A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33879A Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33879
PIN CONNECTIONS
21
D5
Output
Drain Output 5
Output 5 MOSFET drain pin.
22
D3
Output
Drain Output 3
Output 3 MOSFET drain pin.
23
S3
Output
Source Output 3
Output 3 MOSFET source pin.
26
D4
Output
Drain Output 4
Output 4 MOSFET drain pin.
27
S4
Output
Source Output 4
Output 4 MOSFET source pin.
28
D7
Output
Drain Output 7
Output 7 MOSFET drain pin.
29
S7
Output
Source Output 7
Output 7 MOSFET source pin.
31
VPWR
Input
Battery Input
Power supply pin to the 33879. V
PWR has internal reverse battery
protection.
32
DO
Output
Serial Data Output
SPI control data output pin from the 33879 to the MCU. DO=0 no fault,
DO=1 specific output has fault.
33
EP
Ground
Exposed Pad
Device will perform as specified with the Exposed Pad un-terminated
(floating) however, it is recommended that the Exposed Pad be terminated
to pin 1 (GND) and system ground.
Table 2. 33879 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 14.
Pin Number
Pin Name
Pin
Function
Formal Name
Definition


Similar Part No. - 33879A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33879A FREESCALE-33879A Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879A FREESCALE-33879A Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879A FREESCALE-33879A Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
More results

Similar Description - 33879A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com