Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD128M72B9K-F10L Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HSD128M72B9K-F10L
Description  Synchronous DRAM Module 1024Mbyte (128Mx72Bit), 8K Ref., 3.3V ECC Unbuffered SO-DIMM,
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD128M72B9K-F10L Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button HSD128M72B9K-F10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F10L Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F10L Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HANBit
HSD128M72B9K
URL : www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.0.0(January. 2003)
7
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
VERSION
PARAMETER
SYMBOL
-13
-12
-10
-10L
UNIT
NOTE
Row active to row active delay
tRRD(min)
15
16
20
20
ns
1
RAS to CAS delay
tRP(min)
20
20
20
20
ns
1
Row precharge time
tRP(min)
20
20
20
20
ns
1
tRAS(min)
45
48
50
50
ns
1
Row active time
tRAS(max)
100
ns
Row cycle time
tRC(min)
65
68
70
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2.5
Last data in to Active delay
tDAL(min)
2 CLK + tRP
-
5
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
CAS latency=3
2
Number of valid output data
CAS latency=2
-
1
ea
4
Notes :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. For -8/H/L, tRDL=1CLK and tDAL=1CLK+20ns is also supported .
(Recommand : tRDL=2CLK and tDAL=2CLK & 20ns.)
AC CHARACTERISTICS
(AC operating conditions unless otherwise noted)
-13
-12
-10
-10L
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTE
CAS
latency=3
7.5
8
10
10
CLK cycle time
CAS
latency=2
tCC
-
1000
-
1000
10
1000
12
1000
ns
1
CAS
latency=3
5.4
6
6
6
CLK to valid
output delay
CAS
latency=2
tSAC
-
-
6
7
ns
1,2
Output data
hold time
CAS
latency=3
tOH
2.7
3
3
3
ns
2


Similar Part No. - HSD128M72B9K-F10L

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
HSD128M32B8A-13 DLGHANBIT-HSD128M32B8A-13 Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
More results

Similar Description - HSD128M72B9K-F10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64B8A HANBIT-HSD32M64B8A Datasheet
91Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD64M64B8W HANBIT-HSD64M64B8W Datasheet
85Kb / 10P
   Synchronous DRAM Module 512Mbyte(64Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HDD32M72B9 HANBIT-HDD32M72B9 Datasheet
199Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on32Mx8,4Banks, 8K Ref., ECC Unbuffered SO-DIMM
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M32D4 HANBIT-HSD16M32D4 Datasheet
145Kb / 10P
   Synchronous DRAM Module 64Mbyte(16Mx32-Bit), 100pin DIMM, 4Banks, 8K Ref., 3.3V
HSD2M64B2 HANBIT-HSD2M64B2 Datasheet
75Kb / 10P
   Synchronous DRAM Module 16Mbyte (2Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com