Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-100T Datasheet(PDF) 1 Page - Anaren Microwave

Part # 800-100T
Description  Flanged Termination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

800-100T Datasheet(HTML) 1 Page - Anaren Microwave

  800-100T Datasheet HTML 1Page - Anaren Microwave 800-100T Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model RFP-800-100T
Features:
• DC – 500 MHz
• 800 Watts
• BeO Ceramic
• Non-Nichrome Resistive
Element
• Welded Silver Leads
• 100% Tested
Flanged Termination
800
Watts, 100
General Specifications
Resistive Element
Thick film
Substrate
Beryllium oxide ceramic
Cover
Alumina ceramic
Mounting flange
Copper, nickel plated per QQ-N-290
Leads
99% pure silver (.005” thick)
Electrical Specifications
Resistance Range:
100 ohms, ± 5%
Frequency Range;
DC – 500 MHz
Power:
800 Watts
Tolerance is ±0.010”, unless otherwise specified. Designed to meet of exceed
applicable portions of MIL-E-5400. Operating temperature is -55ºC to 155ºC (see
chart for derating temperatures).
All dimensions in inches.
Specifications subject to change with out notice.
Outline Drawing
800-100T (097) Rev A


Similar Part No. - 800-100T

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
800-10-001-10-001000 MILL-MAX-800-10-001-10-001000 Datasheet
183Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Single Row
800-10-001-10-002000 MILL-MAX-800-10-001-10-002000 Datasheet
184Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
800-10-001-61-001000 MILL-MAX-800-10-001-61-001000 Datasheet
202Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Solderless Press-Fit Single Row
800-10-001-62-001000 MILL-MAX-800-10-001-62-001000 Datasheet
202Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Solderless Press-Fit Single Row
logo
Diodes Incorporated
800-10-002-10-001000 DIODES-800-10-002-10-001000 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - 800-100T

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
800-50T-S ANAREN-800-50T-S Datasheet
268Kb / 2P
   Flanged Termination
logo
Vishay Barry
T50R0-1750-1X BARRY-T50R0-1750-1X Datasheet
179Kb / 2P
   1750W BeO Flanged Termination
REV.B OCT 16 2017
T50R0-350-1E BARRY-T50R0-350-1E Datasheet
154Kb / 2P
   350W BeO Flanged Termination
REV.G FEB 1 2017
T50R0-500-10X BARRY-T50R0-500-10X Datasheet
168Kb / 2P
   500W BeO Flanged Termination
REV.C OCT 15 2014
T50R0-800-11E BARRY-T50R0-800-11E Datasheet
146Kb / 2P
   800W BeO Flanged Termination
REV.F FEB 1 2017
T50R0-800-11X BARRY-T50R0-800-11X Datasheet
163Kb / 2P
   800W BeO Flanged Termination
REV.F OCT 27 2014
TA50R0-250-25X BARRY-TA50R0-250-25X Datasheet
165Kb / 2P
   250W AlN Flanged Termination
REV.OCT 23 2014
TA50R0-800-9X BARRY-TA50R0-800-9X Datasheet
153Kb / 2P
   800W AlN Flanged Termination
REV.OCT 28 2014
T50R0-30-10X BARRY-T50R0-30-10X Datasheet
153Kb / 2P
   30W BeO Flanged Termination
REV.B OCT 27 2014
T50R0-30-13X BARRY-T50R0-30-13X Datasheet
151Kb / 2P
   30W BeO Flanged Termination
REV.B OCT 27 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com