Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCXOULNHFB Datasheet(PDF) 2 Page - TEMEX

Part # OCXOULNHFB
Description  Ultra Low Noise Oven Controlled Crystal Oscillator, General Specification (rev2)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

OCXOULNHFB Datasheet(HTML) 2 Page - TEMEX

  OCXOULNHFB Datasheet HTML 1Page - TEMEX OCXOULNHFB Datasheet HTML 2Page - TEMEX OCXOULNHFB Datasheet HTML 3Page - TEMEX OCXOULNHFB Datasheet HTML 4Page - TEMEX OCXOULNHFB Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ultra Low Noise Oven Controlled Crystal Oscillator,
General Specification (rev2)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
2/5
Features
Ultra Low Noise (ULN), Oven Controlled, Crystal Oscillator (OCVCXO)
Frequency range : 80 to 125 MHz
Ultra low phase noise @ 100 MHz : - 158 dBc/Hz @ 1 kHz offset
- 174 dBc/Hz @ 10 kHz offset (noise floor)
Operating temperature range : [−40 – +85 °C]
Ground and naval environment
G-sensitivity : 5.10-10/g
4-pin machined package + SMA connector for the frequency output
Typical phase noise @ 100 MHz (static conditions):
Applications
Ground based or naval military equipment
Radar & Telecom simulator
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range 1
°C
– 20
+ 70
Operating temperature range 2
°C
– 40
+ 85
Storage temperature range
°C
– 55
+ 125
Relative humidity
-
Up to 100% at Ta = 0°C to 85°C without condensing
Vibration
-
As per MIL-STD-167, Issue 1A
Shock (half sine)
15g, 11ms


Similar Part No. - OCXOULNHFB

ManufacturerPart #DatasheetDescription
logo
TEMEX
OCXOULNHFD TEMEX-OCXOULNHFD Datasheet
928Kb / 5P
   Ultra Low Noise Oven Controlled Crystal Oscillator, General Specification (rev1)
More results

Similar Description - OCXOULNHFB

ManufacturerPart #DatasheetDescription
logo
TEMEX
OCXOULNHFD TEMEX-OCXOULNHFD Datasheet
928Kb / 5P
   Ultra Low Noise Oven Controlled Crystal Oscillator, General Specification (rev1)
logo
Vectron International, ...
OX-174 VECTRON-OX-174 Datasheet
837Kb / 6P
   Ultra Low Noise Oven Controlled Crystal Oscillator
OX-175 VECTRON-OX-175 Datasheet
790Kb / 6P
   Ultra Low Noise Oven Controlled Crystal Oscillator
OX-175 VECTRON-OX-175_14 Datasheet
790Kb / 6P
   Ultra Low Noise Oven Controlled Crystal Oscillator
OX-174 VECTRON-OX-174_14 Datasheet
956Kb / 6P
   Ultra Low Noise Oven Controlled Crystal Oscillator
OX-305 VECTRON-OX-305 Datasheet
342Kb / 4P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-204 VECTRON-OX-204_15 Datasheet
455Kb / 5P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-204 VECTRON-OX-204 Datasheet
554Kb / 5P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-205 VECTRON-OX-205_16 Datasheet
417Kb / 4P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-304 VECTRON-OX-304 Datasheet
452Kb / 5P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com